Electronic Components Datasheet Search |
|
SP1002 Datasheet(PDF) 2 Page - Littelfuse |
|
SP1002 Datasheet(HTML) 2 Page - Littelfuse |
2 / 4 page 9 www.littelfuse.com ©2008 Littelfuse Specifications are subject to change without notice. Electronics Designers Guide Silicon Protection Arrays Bi-Directinal ESD Protection Array SP1002 Lead-free/Green Series Electrical Characteristics (T OP = 25°C) Parameter Symbol Test Conditions Min Typ Max Units V p o r D e g a t l o V D I R=10mA 6.0 7.0 V Standoff Voltage V I R 6.0 V I t n e r r u C e g a k a e L LEAK V R μA Clamp Voltage1 V C I PP=1A, tp V 2 . 9 I PP=2A, tp V 2 . 1 1 ESD Withstand Voltage V ESD V k 8 ± ) t c a t n o C ( 2 - 4 - 0 0 0 1 6 C E I IEC61000-4-2 (Air) kV Diode Capacitance1 C D 6 V 0 = s a i B e s r e v e R 1 Parameter is guaranteed by device characterization 2 A minimum of 1,000 ESD pulses are applied at 1s intervals Application Example Thermal Information s t i n U g n i t a R r e t e m a r a P Storage Temperature Range °C °C °C SCART MultiMedia Application of SP1002-01 2 x SP1002-01 MultiMedia Device Audio Out L Audio Out R MultiMedia Device Audio In L Audio In R Absolute Maximum Ratings s t i n U e u l a V r e t e m a r a P l o b m y S I P Peak Current (t p 2A T OP Operating Temperature °C T STOR Storage Temperature °C CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. |
Similar Part No. - SP1002 |
|
Similar Description - SP1002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |