Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S602TS Datasheet(PDF) 8 Page - Littelfuse

Part # S602TS
Description  Teccor brand Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S602TS Datasheet(HTML) 8 Page - Littelfuse

  S602TS Datasheet HTML 1Page - Littelfuse S602TS Datasheet HTML 2Page - Littelfuse S602TS Datasheet HTML 3Page - Littelfuse S602TS Datasheet HTML 4Page - Littelfuse S602TS Datasheet HTML 5Page - Littelfuse S602TS Datasheet HTML 6Page - Littelfuse S602TS Datasheet HTML 7Page - Littelfuse S602TS Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
197
www.littelfuse.com
©2008 Littelfuse
Power Thyristor Databook
Teccor® brand Thyristors
Silicon Controlled Rectifiers
Sx02xS EV Series 1.5 Amp Sensitive SCRs
SCR SERIES
x 02
S
x
VOLTAGE
4: 400V
6: 600V
SENSITIVITY
S: 200μA Sensitive SCR
xx
PACKING TYPE
Blank: Bulk
RP: Reel Pack (TO-92)
: Embossed Carrier Pack
(SOT-223)
AP: Ammo Pack (TO-92)
CURRENT
02: 1.5A
PACKAGE TYPE
E: TO-92
T: SOT-223
xx
Part Numbering System
Part Marking System
Date Code
(2 Digits Min.)
Number =Year
Letter = Month
DC
Tape & Reel Specifications for SOT-223
4 mm
8 mm
1.5 mm
13 mm Abor
Hole Diameter
180 mm
13.4 mm
2 mm
12 mm
K / MT1
GATE
A / MT2
A / MT2
5.5 mm
1.75 mm


Similar Part No. - S602TS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S602TS LITTELFUSE-S602TS Datasheet
389Kb / 8P
   New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
S602TS LITTELFUSE-S602TS Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S602TSAP LITTELFUSE-S602TSAP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S602TSRP LITTELFUSE-S602TSRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
More results

Similar Description - S602TS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
S6S2RP LITTELFUSE-S6S2RP Datasheet
293Kb / 10P
   Teccor brand Thyristors
K2201G LITTELFUSE-K2201G Datasheet
225Kb / 6P
   Teccor brand Thyristors
K2500SRP LITTELFUSE-K2500SRP Datasheet
431Kb / 12P
   Teccor brand Thyristors
S2065KTP LITTELFUSE-S2065KTP Datasheet
207Kb / 8P
   Teccor brand Thyristors
S4040XQX LITTELFUSE-S4040XQX Datasheet
920Kb / 8P
   Teccor brand Thyristors
Q6025K6TP LITTELFUSE-Q6025K6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com