Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLED13S Datasheet(PDF) 6 Page - Littelfuse

Part # PLED13S
Description  Fast switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLED13S Datasheet(HTML) 6 Page - Littelfuse

  PLED13S Datasheet HTML 1Page - Littelfuse PLED13S Datasheet HTML 2Page - Littelfuse PLED13S Datasheet HTML 3Page - Littelfuse PLED13S Datasheet HTML 4Page - Littelfuse PLED13S Datasheet HTML 5Page - Littelfuse PLED13S Datasheet HTML 6Page - Littelfuse PLED13S Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PLED® Series
www.littelfuse.com
©2009 Littelfuse
6
Tape and Reel Specification - QFN (3x3)
A
B
D
C
W1
N
Reel Dimension
K0
P0
P1
W
D0
A1
D1
P2
E2
F
W0
CARRIER TAPE
COVER TAPE
T
E1
B0
Tape Dimension Items
TRAILER
160mm MIN
LEADER
400mm MIN
START
END
CARRIER TAPE
COVER TAPE
Leader and Trailer Dimension of the Ttape
CATHODE BAR
ON THIS SIDE
Symbols
Description
12.992
330.0
B
0.059
1.50
C
0.504
0.531
12.80
13.50
D
Drive Spoke Diameter
0.795
20.20
N
Hub Diameter
1.969
50.00
0.488
0.567
12.40
14.40
0.126
0.134
3.20
3.40
B0
Pocket Length at bottom
0.126
0.134
3.20
3.40
D0
Feed Hole Diameter
0.059
0.063
1.50
1.60
D1
Pocket Hole Diameter
0.059
1.50
E1
Feed hole Position 1
0.065
0.073
1.65
1.85
E2
Feed hole Position 2
0.400
0.408
10.15
10.35
F
Feed hole center-Pocket hole
0.215
0.219
5.45
5.55
K0
Pocket Depth
0.039
0.051
1.00
1.30
P0
Feed hole Pitch
0.153
0.161
3.90
4.10
P1
Component Spacing
0.311
0.319
7.90
8.10
P2
Feed hole center-Pocket hole
0.077
0.081
1.90
2.06
T
Carrier Tape Thickness
0.010
0.014
0.25
0.35
0.453
0.484
11.50
12.30
0.358
0.366
9.10
9.30
Part Marking System
PLX
XXXXX
Cathode Bar to
Indicate Diode Direction
DO-214
PLX
XXXXX
QFN
Cathode Bar to
Indicate Diode Direction
Part Numbering System
Packaging
Package
Description
Packaging Quantity
Industry Standard
Q12
QFN 3x3
5000
S
DO-214
2500
PLED X Q12
TYPE
PLED: LED Protector
V
6 Volts
9 Volts
13 Volts
PACKAGE TYPE
Q12: 3.0x3.0mm QFN
S: DO-214
DRM


Similar Part No. - PLED13S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLED13S LITTELFUSE-PLED13S Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
PLED13S-A LITTELFUSE-PLED13S-A Datasheet
821Kb / 5P
   PLED Open LED Protectors / Automotive PLED Series
2019 Littelfuse, Inc.
PLED13SW LITTELFUSE-PLED13SW Datasheet
1Mb / 5P
   PLEDxSW Series - White Body
More results

Similar Description - PLED13S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
   Fast Switching
logo
Inchange Semiconductor ...
20N15 ISC-20N15 Datasheet
49Kb / 2P
   Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
   Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
   Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
   Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
   Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
   Fast Switching
40N10 ISC-40N10 Datasheet
68Kb / 2P
   Fast Switching
2N60 ISC-2N60 Datasheet
157Kb / 2P
   Fast Switching
3N45 ISC-3N45 Datasheet
49Kb / 2P
   Fast Switching
3N90 ISC-3N90 Datasheet
68Kb / 2P
   Fast Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com