Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLED6Q12 Datasheet(PDF) 2 Page - Littelfuse

Part # PLED6Q12
Description  Fast switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLED6Q12 Datasheet(HTML) 2 Page - Littelfuse

  PLED6Q12 Datasheet HTML 1Page - Littelfuse PLED6Q12 Datasheet HTML 2Page - Littelfuse PLED6Q12 Datasheet HTML 3Page - Littelfuse PLED6Q12 Datasheet HTML 4Page - Littelfuse PLED6Q12 Datasheet HTML 5Page - Littelfuse PLED6Q12 Datasheet HTML 6Page - Littelfuse PLED6Q12 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PLED® Series
www.littelfuse.com
©2009 Littelfuse
2
Package
Symbol
Parameter
Value
Unit
QFN 3x3
DO-214
T
J
Operating Junction Temperature Range
-40 to +150
°C
T
S
Storage Temperature Range
-65 to +150
°C
R
JA
Thermal Resistance: Junction to Ambient
DO-214:
90
QFN: 120
°C/W
Thermal Considerations
IH
IT
IS
VBR
VT
+V
-V
+I
-I
VBR
V-I Characteristics
0.4
-40 -20
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (T
C ) – ˚C
25 ˚C
0
20
40 60
80 100 120 140 160
ON/OFF
Switch
PWM
LED
Driver
Vbat
12 Vdc
+
-
2.0 Ω, 1/4 W
110 kΩ, 1/4 W
Q2
2N2222
Q1
Control
Circuit
MT
2
MT
1
PLED
-8
-40 -20
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (TJ ) – ˚C
25 ˚C
0
20
40
60
80
100 120 140 160
V
BR vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
LED Interference Test Circuit
(Cathode)


Similar Part No. - PLED6Q12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLED6Q12 LITTELFUSE-PLED6Q12 Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results

Similar Description - PLED6Q12

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
   Fast Switching
logo
Inchange Semiconductor ...
20N15 ISC-20N15 Datasheet
49Kb / 2P
   Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
   Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
   Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
   Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
   Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
   Fast Switching
40N10 ISC-40N10 Datasheet
68Kb / 2P
   Fast Switching
2N60 ISC-2N60 Datasheet
157Kb / 2P
   Fast Switching
3N45 ISC-3N45 Datasheet
49Kb / 2P
   Fast Switching
3N90 ISC-3N90 Datasheet
68Kb / 2P
   Fast Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com