Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

087706.3MXEP Datasheet(PDF) 3 Page - Littelfuse

Part # 087706.3MXEP
Description  Axial Lead & Cartridge Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

087706.3MXEP Datasheet(HTML) 3 Page - Littelfuse

  087706.3MXEP Datasheet HTML 1Page - Littelfuse 087706.3MXEP Datasheet HTML 2Page - Littelfuse 087706.3MXEP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Revised: February 3, 2009
245
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
3.6 X 10 mm > Slo-Blo® > 877 Series
877 Series
Please refer to www.littelfuse.com/series/877.html for current information.
Product Characteristics
Operating Temperature
Thermal Shock
Vibration
Humidty
Salt Spray
Materials
Terminal Strength
Solderability
Product Marketing
Packaging
Dimensions
Part Numbering System
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
877 Series
All dimensions in mm
0877
M X E P
xxxx
Lead-free
Series
Packaging Code
X = Filler
Option Code
E = Axial Leaded
P
= Lead-Free
Others = Special Options
Please call Littelfuse for detail
Quantity Code
M = 1000
Amp Code
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 087706.3MXEP

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
087700-00 IXYS-087700-00 Datasheet
199Kb / 10P
   8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
logo
Molex Electronics Ltd.
0877002002 MOLEX9-0877002002 Datasheet
229Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??Pa-S Receptacle, Through Hole, Screw Mount, Right Angle, Signal 20, Power Alpha 4
0877003002 MOLEX9-0877003002 Datasheet
232Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
0877003005 MOLEX9-0877003005 Datasheet
232Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??Pa-S Receptacle, Through Hole, with Beveled Metal Pins, Right Angle, Signal 16, PowerAlpha 4, 20 Circuits, Leadfree
0877011001 MOLEX9-0877011001 Datasheet
290Kb / 6P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Press-fit, Vertical, Standard Height0.76關m (30關") Gold (Au) Selective, 22 Circuits, Leadfree
More results

Similar Description - 087706.3MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com