Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

087501.6MXEP Datasheet(PDF) 1 Page - Littelfuse

Part # 087501.6MXEP
Description  Axial Lead & Cartridge Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

087501.6MXEP Datasheet(HTML) 1 Page - Littelfuse

  087501.6MXEP Datasheet HTML 1Page - Littelfuse 087501.6MXEP Datasheet HTML 2Page - Littelfuse 087501.6MXEP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: February 3, 2009
235
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
3.6 X 10 mm > Slo-Blo® > 875 Series
875 Series
Please refer to www.littelfuse.com/series/875.html for current information.
875 Series Fuse, Lead-free 3.6 x 10 mm, Slo-Blo® Fuse
Features
Applications
Agency
Agency File Number
Ampere Range
E10480
0.100A - 10 A
Electrical Characteristics
% of Ampere
Rating
OpeningTime
100%
4 hours, Minimum
200%
60 seconds, Maximum
Amp Code
Ampere Rating
(A)
Voltage Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal Melting
I2t (A2 sec)
Agency Approvals
.100
0.100
250
2.900
0.0054
x
.125
0.125
250
1.850
0.0072
x
.200
0.200
250
0.920
0.0165
x
.250
0.250
250
0.6575
0.038
x
.300
0.300
250
0.435
0.043
x
.400
0.400
250
0.321
0.136
x
.500
0.500
250
0.256
0.288
x
.600
0.600
250
0.151
0.611
x
.800
0.800
250
0.116
0.919
x
001.
1.00
250
0.095
1.503
x
01.5
1.50
250
0.0519
4.33
x
01.6
1.60
250
0.0476
5.08
x
002.
2.00
250
0.02887
8.45
x
02.5
2.50
250
0.02246
17.85
x
003.
3.00
250
0.0171
24.50
x
004.
4.00
250
0.0135
42.45
x
005.
5.00
250
0.00954
60.90
x
006.
6.00
250
0.00891
72.30
x
007.
7.00
250
0.008
106.80
x
008.
8.00
250
0.0077
134.59
x
010.
10.00
250
0.00675
208.00
x
Electrical Characteristics
Description


Similar Part No. - 087501.6MXEP

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0875-1G2T-E3 BEL-0875-1G2T-E3 Datasheet
229Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack 1 x 2 with LEDs
logo
Molex Electronics Ltd.
0875271612 MOLEX9-0875271612 Datasheet
158Kb / 3P
   2.50mm(.098) Connector Pitch, 3.00mm(.118) Power Pitch, 3-in-1 Combo Connector with Single Fuse Socket, Right Angle, 16 Circuits, Tin (Sn) Overall, Lead-free
0875370100 MOLEX9-0875370100 Datasheet
160Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Matewith Beveled Metal Pin and Plastic Peg, 0.76關m (30關") Gold (Au) Selective Plating, 68
0875378811 MOLEX9-0875378811 Datasheet
162Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Mate, with Beveled Metal Pin and Plastic Peg, 0.76關m (30關) Gold (Au) Selective Plating
0875378812 MOLEX9-0875378812 Datasheet
214Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Mate, with Beveled Metal Pin and Plastic Peg, 0.76關m (30關) Gold (Au) Selective Plating
More results

Similar Description - 087501.6MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com