Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206L110SLYR Datasheet(PDF) 2 Page - Littelfuse

Part # 1206L110SLYR
Description  POLYFUSE Resettable PTCs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L110SLYR Datasheet(HTML) 2 Page - Littelfuse

  1206L110SLYR Datasheet HTML 1Page - Littelfuse 1206L110SLYR Datasheet HTML 2Page - Littelfuse 1206L110SLYR Datasheet HTML 3Page - Littelfuse 1206L110SLYR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revised: October 7, 2009
©2009 Littelfuse, Inc.
POLYFUSE® Resettable PTCs
Lo Rho Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/LoRho.html for current information.
Surface Mount > Lo Rho Series
Temperature Rerating
Temperature Rerating Curve
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Average Time Current Curves
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
Ambient OperationTemperature
Part Number
Hold Current (A)
0805L110SLYR
1.93
1.65
1.38
1.10
0.83
0.55
0.41
0.21
1206L110SLYR
2.00
1.40
1.10
0.83
0.56
0.44
0.24
1206L150SLYR
2.32
1.95
1.50
1.15
0.64
0.36
1210L200SLYR
3.26
2.50
2.00
1.29
1.09
5.00
4.60
4.05
3.50
2.80
2.00
1.60
1.00
1812L190SLPR
3.00
2.58
2.22
1.90
1.49
1.14
0.93
0.61
0.010
0.100
1.000
10.000
1.0
10.0
100.0
LoRho Series
Current in Amperes
Environmental Specifications
Operating/Storage
Temperature
Maximum Device Surface
Temperature in Tripped State
Passive Aging
Humidity Aging
Thermal Shock
Solvent Resistance
No change
Vibration
Condition A
No change
Moisture Sensitivity Level
Physical Specifications
Terminal Material
Lead Solderability


Similar Part No. - 1206L110SLYR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L110SLYR LITTELFUSE-1206L110SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
More results

Similar Description - 1206L110SLYR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R300UPR LITTELFUSE-30R300UPR Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com