Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0875.250MXEP Datasheet(PDF) 3 Page - Littelfuse

Part # 0875.250MXEP
Description  Axial Lead & Cartridge Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0875.250MXEP Datasheet(HTML) 3 Page - Littelfuse

  0875.250MXEP Datasheet HTML 1Page - Littelfuse 0875.250MXEP Datasheet HTML 2Page - Littelfuse 0875.250MXEP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Revised: February 3, 2009
237
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
3.6 X 10 mm > Slo-Blo® > 875 Series
875 Series
Please refer to www.littelfuse.com/series/875.html for current information.
Product Characteristics
Operating Temperature
Thermal Shock
Vibration
Humidty
Salt Spray
Materials
Terminal Strength
Solderability
2003-01 Annex A
Product Marketing
Packaging
Dimensions
Part Numbering System
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
875 Series
1000
MXE
1000
All dimensions in mm
0875
M X E P
xxxx
Lead-free
Series
Packaging Code
X = Filler
Option Code
E = Axial Leaded
P
= Lead-Free
Others = Special Options
Please call Littelfuse for detail
Quantity Code
M = 1000
Amp Code
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 0875.250MXEP

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0875-1G2T-E3 BEL-0875-1G2T-E3 Datasheet
229Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack 1 x 2 with LEDs
logo
Molex Electronics Ltd.
0875271612 MOLEX9-0875271612 Datasheet
158Kb / 3P
   2.50mm(.098) Connector Pitch, 3.00mm(.118) Power Pitch, 3-in-1 Combo Connector with Single Fuse Socket, Right Angle, 16 Circuits, Tin (Sn) Overall, Lead-free
0875370100 MOLEX9-0875370100 Datasheet
160Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Matewith Beveled Metal Pin and Plastic Peg, 0.76關m (30關") Gold (Au) Selective Plating, 68
0875378811 MOLEX9-0875378811 Datasheet
162Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Mate, with Beveled Metal Pin and Plastic Peg, 0.76關m (30關) Gold (Au) Selective Plating
0875378812 MOLEX9-0875378812 Datasheet
214Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Mate, with Beveled Metal Pin and Plastic Peg, 0.76關m (30關) Gold (Au) Selective Plating
More results

Similar Description - 0875.250MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com