Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03885MXEP Datasheet(PDF) 3 Page - Littelfuse

Part # 03885MXEP
Description  Axial Lead & Cartridge Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03885MXEP Datasheet(HTML) 3 Page - Littelfuse

  03885MXEP Datasheet HTML 1Page - Littelfuse 03885MXEP Datasheet HTML 2Page - Littelfuse 03885MXEP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Revised: January 7, 2009
335
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
388 Series
Please refer to www.littelfuse.com/series/388.html for current information.
388 000P Series
388 000EP Series
6.35 (.25")
32.72
(1.288")
31.75
(1.25")
6.985 (.275")
38.1
(1.50")TYP.
Axial Lead Material:Tin coated copper.
0.813 (.032")
Dimensions (mm)
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Reel Size
388 Series
Bulk
N/A
1000
MX
N/A
Bulk
N/A
1000
MXE
N/A
Part Numbering System
0388
M X E P
xxxx
Lead-free
Series
Packaging Code
X = Filler
Option Code
E
= Axial leaded fuses
Blank = Cartridge fuses
Quantity Code
M = 1000
Amp Code
Refer to Amp Code column of
Electrical Characteristics Table
Product Characteristics
Operating Temperature
-55ºC to +125ºC (consider de-rating)
Thermal Shock
MIL-STD-202G Method 107 G, Test
conditon B:(5 cycles - 65ºC to 125ºC)
Vibration
MIL-STD-202G, Method 201A
Humidity
MIL-STD-202G, Method 103B, Test
Condition A: High RH (95%) and
Elevated temperature (40°C) for 240
hours
Salt Spray
MIL-STD-202G, Method 101D, Test
Condition B
Materials
Body: Glass
End Caps: Nickel–plated brass
Leads: Tin–plated Copper
Terminal Strength
MIL-STD-202G, Method 211A,
Test Condition A
Solderability
Reference IEC 60127 Second Edition
2003-2001 Annex A
Product Marking
Cap1:
Brand logo, current and voltage
ratings
Cap2:
Series and agency approval
marks


Similar Part No. - 03885MXEP

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0388500000 WEIDMULLER-0388500000 Datasheet
51Kb / 1P
   Modular terminal, accessories, Socket
0388500000 WEIDMULLER-0388500000 Datasheet
51Kb / 1P
   Modular terminal, accessories, Socket
More results

Similar Description - 03885MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com