Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0501020.WR Datasheet(PDF) 3 Page - Littelfuse

Part # 0501020.WR
Description  Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0501020.WR Datasheet(HTML) 3 Page - Littelfuse

  0501020.WR Datasheet HTML 1Page - Littelfuse 0501020.WR Datasheet HTML 2Page - Littelfuse 0501020.WR Datasheet HTML 3Page - Littelfuse 0501020.WR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
27
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
501 Series
Ceramic Fuse > 501 Series
Please refer to www.littelfuse.com/series/501.html for current information.
Materials
Body: Advanced Ceramic
Terminations:
Element Cover Coating: Lead-free Glass
Moisture
Sensitivity Level
Solderability
Humidity Test
ESD Immunity
Resistance to
Solvents
Product Characteristics
Moisture Resistance
Thermal Shock
Mechanical Shock
Condition A
Vibration
Vibration,
High Frequency
Dissolution of
Metallization
Terminal Strength
IEC 60127-4
Dimensions
Packaging
Part Marking System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
8mm Tape and Reel
EIA-481-1 (IEC 286, part 3)
3000
WR
Part Numbering System
0501 020. W R
SERIES
AMP CODE
QUANTITY CODE
PACKING CODE
W = 3000 pcs
20
1.000
[.039]
1.63 +.10/-.20
[.064 +.004/-.008]
3.200 ± .1778
[.126 ± .007]
.8179 +.046/-.076
[.0322 +.0018/-.003]
TERMINATION
.520 ± .200
[.020 ± .008]
1.500
[.059]
1.800
[.071]
3.500
[.138]
1.000
[.039]
Amp Code
Marking Code
010.
10
012.
12
015.
15
020.
20


Similar Part No. - 0501020.WR

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
050102FA SUYIN-USA-050102FA Datasheet
73Kb / 1P
   MIC. PHONE HOLDER CONNECTOR
More results

Similar Description - 0501020.WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
441 LITTELFUSE-441 Datasheet
38Kb / 2P
   SURFACE MOUNT FUSES
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
   Surface Mount Fuses
0154015DRT LITTELFUSE-0154015DRT Datasheet
116Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com