Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM1004MA Datasheet(PDF) 4 Page - Sanken electric

Part # SSM1004MA
Description  High Voltage 3-Phase Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSM1004MA Datasheet(HTML) 4 Page - Sanken electric

  SSM1004MA Datasheet HTML 1Page - Sanken electric SSM1004MA Datasheet HTML 2Page - Sanken electric SSM1004MA Datasheet HTML 3Page - Sanken electric SSM1004MA Datasheet HTML 4Page - Sanken electric SSM1004MA Datasheet HTML 5Page - Sanken electric SSM1004MA Datasheet HTML 6Page - Sanken electric SSM1004MA Datasheet HTML 7Page - Sanken electric SSM1004MA Datasheet HTML 8Page - Sanken electric SSM1004MA Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High Voltage 3-Phase Motor Driver
SSM1004MA
4
ELECTRICAL CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Logic Supply Voltage
VCC
Between VCC and COM
13.5
16.5
V
Logic Supply Current
ICC
VCC = 15 V
8
mA
Input Voltage
VIH
VCC = 15 V, output on
4
V
VIL
VCC = 15 V, output off
1
V
Input Voltage Hysteresis
VIhys
VCC = 15 V
0.8
V
Input Current
IIHH
High side, VCC = 15 V, VIN = 5 V
50
100
μA
IILH
High side, VCC = 15 V, VIN = 0 V
2
μA
IIHL
Low side, VCC = 15 V, VIN = 5 V
50
100
μA
IILL
Low side, VCC = 15 V, VIN = 0 V
2
μA
Undervoltage Lock Out
VUVHL
High side, VCC = 15 V
9.5
11.5
V
VUVHH
10.0
12.0
V
VUVLL
Low side, VCC = 15 V
10.0
12.0
V
VUVLH
10.5
12.5
V
FO Terminal Output Voltage
VFOL
VCC = 15 V
0
1.0
V
VFOH
4.0
5.5
V
FO Terminal Output Current
IFOL
VCC = 15 V, VFOL = 1 V
–1.6
mA
IFOH
VCC = 15 V, VFOH = 4 V
1
mA
Overcurrent Protection Trip Voltage
VTRIP
VCC = 15 V
0.45
0.50
0.55
V
Overcurrent Protection Hold Time
tp1
VRC = 15 V, RC = 1 MΩ, CC = 1000 pF, RB = 30 kΩ
260
μs
tp2
VRC = 5 V, RC = 1.5 MΩ, CC = 2200 pF, RB = 30 kΩ
–5–
ms
Blanking Time
tblank
VCC = 15 V, RB = 30 kΩ
1.6
μs
IGBT Breakdown Voltage
VCES
VCC = 15 V, IC = 250 μA, VIN = 0 V
600
V
IGBT Leakage Current
ICES
VCC = 15 V, VCE = 600 V, VIN = 0 V
1
mA
IGBT Saturation Voltage
VCE(sat)
VCC = 15 V, IC = 25 A, VIN = 5 V
2.2
2.6
V
Diode Forward Voltage
VF
VCC = 15 V, IF = 25 A, VIN = 0 V
2.0
2.4
V
Diode Recovery Time
trr
IF = 25 A, di / dt = 100 A/μs
50
ns
Switching Time, High Side
tdH(on)
VBB = 280 V, VCC = 15 V, IC = 25 A, 0 V ≤ VIN ≤ 5 V,
inductive load
0.6
μs
trH
0.1
μs
tdH(off)
0.5
μs
tfH
0.07
μs
Switching Time, Low Side
tdL(on)
0.3
μs
trL
0.2
μs
tdL(off)
0.4
μs
tfL
0.07
μs
Shunt Resistance
RS
IR = 25 A
11.6
12
12.4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - SSM1004MA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSM1001MA SANKEN-SSM1001MA Datasheet
465Kb / 12P
   High Voltage 3-Phase Motor Driver
SSM1002MA SANKEN-SSM1002MA Datasheet
465Kb / 12P
   High Voltage 3-Phase Motor Driver
SSM1003MA SANKEN-SSM1003MA Datasheet
465Kb / 12P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SSM1004MA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com