Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440 Datasheet(PDF) 1 Page - Littelfuse

Part # 440
Description  Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

440 Datasheet(HTML) 1 Page - Littelfuse

  440 Datasheet HTML 1Page - Littelfuse 440 Datasheet HTML 2Page - Littelfuse 440 Datasheet HTML 3Page - Littelfuse 440 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
Please refer to www.littelfuse.com/series/440.html for current information.
440 Series
Ceramic Fuse > 440 Series
440 Series, 1206 High I2t Fuse
Description
The 440 Series is a 100% Lead-free, RoHS compliant and
Halogen-free fuse series designed specifically to provide
over-current protection to circuits that operate under high
working ambient temperatures up to 150ºC and high inrush
currents.
The general design ensures excellent temperature stability
and performance reliability.
This high I2t fuse series is designed to have ultra high
inrush current withstand capability to avoid nuisance fuse
open.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
1.75A - 8A
Pending
1.75A - 8A
Features
Electrical Characteristics for Series
from -55ºC to +150ºC
compliant and Halogen-
free
and lead-free reflow /
wave soldering
2
t values
% of Ampere
Rating
Ampere Rating
OpeningTime at 25ºC
100%
1.75A - 8A
4 hours, Minimum
350%
1.75A - 8A
5 secs., Maximum
Applications
Ampere
Rating
(A)
Amp
Code
Max.
Voltage
Rating (V)
Interrupting Rating
(AC/DC)1
Nominal
Resistance
(Ohms)2
Nominal
Melting I2t
(A2Sec.)3
Nominal Voltage
Drop At Rated
Current (V)4
Nominal Power
Dissipation At
Rated Current (W)
Agency Approvals
1.75
1.75
32
50 A @ 32 V AC/DC
0.04121
0.3312
0.07769
0.136
x
x
2
002.
32
0.03582
0.4326
0.07921
0.158
x
x
2.5
02.5
32
0.026706
0.8191
0.0747
0.187
x
x
3
003.
32
0.022
1.232
0.7418
0.223
x
x
3.5
03.5
32
0.01877
1.789
0.07566
0.265
x
x
4
004.
32
0.01515
2.601
0.07088
0.284
x
x
5
005.
32
0.01119
4.761
0.06544
0.327
x
x
7
007.
32
0.00794
8.464
0.06963
0.487
x
x
8
008.
32
0.00646
12.95
0.065526
0.524
x
x
Electrical Specifications by Item
Notes:
1. AC Interrupting Rating tested at rated voltage with unity power factor. DC Interrupting
Rating tested at rated voltage with time constant < 0.8 msec.
2. Nominal Resistance measured with < 10% rated current.
3. Nominal Melting I²t measured at 1 msec. opening time.
4. Nominal Voltage Drop measured at rated current after temperature has stabilized.
Devices designed to carry rated current for 4 hours minimum. It is recommended that
devices be operated continuously at no more than 80% rated current. See “Temperature
Derating Curve”for additional derating information.
Devices designed to be mounted with marking code facing up.
Revised: September 17, 2009


Similar Part No. - 440

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
440 INTEL-440 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
440 INTEL-440 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
logo
Glenair, Inc.
440-069 GLENAIR-440-069 Datasheet
219Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
logo
List of Unclassifed Man...
440-176 ETC1-440-176 Datasheet
30Kb / 1P
   Diagonal cutters oval
440-190 ETC1-440-190 Datasheet
30Kb / 1P
   Diagonal cutters oval
More results

Similar Description - 440

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
441 LITTELFUSE-441 Datasheet
38Kb / 2P
   SURFACE MOUNT FUSES
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
   Surface Mount Fuses
0154015DRT LITTELFUSE-0154015DRT Datasheet
116Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com