Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6822MP Datasheet(PDF) 6 Page - Sanken electric

Part # SMA6822MP
Description  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6822MP Datasheet(HTML) 6 Page - Sanken electric

Back Button SMA6822MP Datasheet HTML 2Page - Sanken electric SMA6822MP Datasheet HTML 3Page - Sanken electric SMA6822MP Datasheet HTML 4Page - Sanken electric SMA6822MP Datasheet HTML 5Page - Sanken electric SMA6822MP Datasheet HTML 6Page - Sanken electric SMA6822MP Datasheet HTML 7Page - Sanken electric SMA6822MP Datasheet HTML 8Page - Sanken electric SMA6822MP Datasheet HTML 9Page - Sanken electric SMA6822MP Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
High Voltage 3-Phase Motor Driver
SMA6822MP
6
Terminal List Table
Number
Name
Function
1
VB1
High side bootstrap terminal (U phase)
2
VB2
High side bootstrap terminal (V phase)
3
VD
Bootstrap diode anode terminal
4
VB3
High side bootstrap terminal (W phase)
5
VCC1
High side logic supply voltage
6
COM1
High side logic GND terminal
7
HIN3
High side input terminal (W phase)
8
HIN2
High side input terminal (V phase)
9
HIN1
High side input terminal (U phase)
10
VBB1
Main supply voltage 1 (connect to VBB2 externally)
11
VBB2
Main supply voltage 2 (connect to VBB1 externally)
12
W1
Output of W phase (connect to W2 externally)
13
V
Output of V phase
14
W2
Output of W phase (connect to W1 externally)
15
LS2
Low side emitter terminal (connect to LS1 externally)
16
VREG
Internal regulator output terminal
17
LS1
Low side emitter terminal (connect to LS1 externally)
18
LIN3
Low side input terminal (W phase)
19
LIN2
Low side input terminal (V phase)
20
LIN1
Low side input terminal (U phase)
21
COM2
Low side GND terminal
22
FO
Overcurrent protection fault-signal output terminal
23
VCC2
Low side logic supply voltage
24
U
Output of U phase
Pin-out Diagrams
13579
11
13
15
17
19
21
23
2
4
6
8
10
12
14
16
18
20
22
24
Chamfer Side
Leadform 2452
Leadform 2451
Chamfer on Opposite Side
13579
11
13
15
17
19
21
23
2
4
6
8
10
12
14
16
18
20
22
24
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - SMA6822MP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SMA6822MPLF2452 ALLEGRO-SMA6822MPLF2452 Datasheet
92Kb / 2P
   SMA6820MP High Voltage 3-Phase Motor Drivers
More results

Similar Description - SMA6822MP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com