Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3691.000000 Datasheet(PDF) 1 Page - Littelfuse

Part # 3691.000000
Description  Radial Lead Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

3691.000000 Datasheet(HTML) 1 Page - Littelfuse

  3691.000000 Datasheet HTML 1Page - Littelfuse 3691.000000 Datasheet HTML 2Page - Littelfuse 3691.000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: May 5, 2009
163
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
369 Series
TE5® > Time-Lag > 369 Series
Please refer to www.littelfuse.com/series/369.html for current information.
369 Series, TE5®,Time-Lag Fuse
Features
Description
Lead-free
TE5
®
Applications
Electrical Characteristics for Series
% of Ampere
Rating
Opening Time
%
%
%
%
Agency Approvals
Agency
Agency File Number
Ampere Range
Electrical Characteristics Specifications by Item
Power
Dissipation
1.5 x IN
max. (mW)
Melting
Integral
10 x IN
min. (A2s)
Agency Approvals
Voltage
Drop
1.0 x IN
max. (mV)
Amp
Code
Amp
Rating
(A)
Breaking Capacity
Voltage
Rating
(V)
1100
1160
1200
1315
1400
1500
1630
1.00
1.60
2.00
3.15
4.00
5.00
6.30
300
300
300
300
300
300
300
115
95
90
80
75
70
65
400
600
700
1100
1200
1000
1200
5.80
13.50
21.00
55.00
100.00
90.00
126.00
X
X
X
X
X
X
X
X
X
X
X
X
X
50A@300VAC
50-60Hz/cos =1


Similar Part No. - 3691.000000

ManufacturerPart #DatasheetDescription
logo
Heyco.
3691 HEYCO-3691 Datasheet
108Kb / 1P
   Nylon PCB Supports - Stackable Self-Retaining Spacers
logo
Littelfuse
36911000000 LITTELFUSE-36911000000 Datasheet
176Kb / 3P
   Radial Lead Fuses
36911000440 LITTELFUSE-36911000440 Datasheet
176Kb / 3P
   Radial Lead Fuses
36911600000 LITTELFUSE-36911600000 Datasheet
176Kb / 3P
   Radial Lead Fuses
logo
Infineon Technologies A...
36911600000 INFINEON-36911600000 Datasheet
2Mb / 25P
   12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
More results

Similar Description - 3691.000000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
39511000000 LITTELFUSE-39511000000 Datasheet
196Kb / 3P
   Radial Lead Fuses
400 LITTELFUSE-400 Datasheet
999Kb / 3P
   Radial Lead Fuses
36911600000 LITTELFUSE-36911600000 Datasheet
176Kb / 3P
   Radial Lead Fuses
39208000000 LITTELFUSE-39208000000 Datasheet
204Kb / 3P
   Radial Lead Fuses
39516300440 LITTELFUSE-39516300440 Datasheet
205Kb / 4P
   Radial Lead Fuses
383 LITTELFUSE-383 Datasheet
172Kb / 3P
   Radial Lead Fuses
37215000411 LITTELFUSE-37215000411 Datasheet
221Kb / 4P
   Radial Lead Fuses
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
   Axial and Radial Lead Fuses
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
   Axial and Radial Lead Fuses
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
   Radial lead through-hole fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com