Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM520AH04DR-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XCM520AH04DR-G
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520AH04DR-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XCM520AH04DR-G Datasheet HTML 1Page - Torex Semiconductor XCM520AH04DR-G Datasheet HTML 2Page - Torex Semiconductor XCM520AH04DR-G Datasheet HTML 3Page - Torex Semiconductor XCM520AH04DR-G Datasheet HTML 4Page - Torex Semiconductor XCM520AH04DR-G Datasheet HTML 5Page - Torex Semiconductor XCM520AH04DR-G Datasheet HTML 6Page - Torex Semiconductor XCM520AH04DR-G Datasheet HTML 7Page - Torex Semiconductor XCM520AH04DR-G Datasheet HTML 8Page - Torex Semiconductor XCM520AH04DR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4/43
XCM520 Series
PARAMETER
SYMBOL
RATINGS
UNITS
VIN1 Voltage
VIN1
6.5
V
VOUT Current
IOUT1+IOUT2*
1
700
*2
mA
VOUT Voltage
VOUT1 / VOUT2
VSS-0.3~VIN1+0.3
V
EN1,EN2 Voltage
VEN1 / VEN2
VSS-0.3~6.5
V
VIN2 Voltage
VIN2
-0.3~6.5
V
Lx Voltage
VLX
-0.3~VIN2+0.3≦6.5
V
VOUT3 Voltage
VOUT3
-0.3~6.5
V
EN3 Voltage
VEN3
-0.3~6.5
V
Lx Current
ILX
±1500
mA
USP12-B01
150
800 (1ch operate)
Power Dissipation
USP12-B01
*3
(PCB mounted)
Pd
600 (both 2ch operate)
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
XC6401FF
■BLOCK DIAGRAMS
■MAXIMUM ABSOLUTE RATINGS
XC9235A/XC9236A
XC9235B/XC9236B
Available with CL Discharge, High Speed Soft-Start
*1. Rating is defined as a total of VR1 and VR2 in the VR bloc.
*2. Pd > { (VIN1 - VOUT1)×IOUT1+(VIN1 - VOUT2)×IOUT2 }
*3. The power dissipation figure shown is PCB mounted. Please refer to page 41 for details. Also, the power dissipation value above is
for each channel.
* XC9235 control scheme is a fixed PWM because that the “CE/MODE Control Logic” outputs a low level signal to the “PWM/PFM Selector”.
* XC9236 control scheme is an auto PWM/PFM switching because the “CE/MODE Control Logic” outputs a high level signal to the “PWM/PFM Selector”.
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.


Similar Part No. - XCM520AH04DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA01DR-G TOREX-XCM524AA01DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA02DR-G TOREX-XCM524AA02DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA03DR-G TOREX-XCM524AA03DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA04DR-G TOREX-XCM524AA04DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
More results

Similar Description - XCM520AH04DR-G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
logo
Linear Technology
LTC3607 LINER-LTC3607 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com