Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM520AD04DR-G Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XCM520AD04DR-G
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520AD04DR-G Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XCM520AD04DR-G Datasheet HTML 4Page - Torex Semiconductor XCM520AD04DR-G Datasheet HTML 5Page - Torex Semiconductor XCM520AD04DR-G Datasheet HTML 6Page - Torex Semiconductor XCM520AD04DR-G Datasheet HTML 7Page - Torex Semiconductor XCM520AD04DR-G Datasheet HTML 8Page - Torex Semiconductor XCM520AD04DR-G Datasheet HTML 9Page - Torex Semiconductor XCM520AD04DR-G Datasheet HTML 10Page - Torex Semiconductor XCM520AD04DR-G Datasheet HTML 11Page - Torex Semiconductor XCM520AD04DR-G Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8/43
XCM520 Series
●XCM520AE,AG (DC/DC BLOCK)
VOUT3=1.8V, fOSC=3.0MHz, Ta=25℃
Test conditions: Unless otherwise stated, VIN2 = 5.0V, VOUT3 (E) = Nominal voltage
NOTE:
*1: Including hysteresis width of operating voltage.
*2: EFFI = { ( output voltage×output current ) / ( input voltage×input current) }×100
*3: ON resistance (Ω)= (VIN - Lx pin measurement voltage) / 100mA
*4: Design value
*5: When temperature is high, a current of approximately 10μA (maximum) may leak.
*6: Time until it short-circuits VOUT3 with GND via 1Ωof resistor from an operational state and is set to Lx=0V from current limit pulse
generating.
*7: VOUT3 (E)+1.2V<2.7V, VIN2=2.7V.
*8: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*9: Current limit denotes the level of detection at peak of coil current.
*10: "H"=VIN2∼VIN2 - 1.2V, "L"=+ 0.1V ∼ - 0.1V
*11: XCM520AE series exclude IPFM and DTYLIMIT_PFM because those are only for the PFM control’s functions.
*The electrical characteristics above are when the voltage regulator block is in stop.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VOUT3
When connected to external components,
VIN2 = VEN3 = 5.0V, IOUT3 = 30mA
1.764
1.800
1.836
V
Operating Voltage Range
VIN2
2.7
-
6.0
V
Maximum Output Current
VOUT3MAX
When connected to external components,
VIN2=VOUT3(E)+2.0V,VEN3=1.0V
(*8)
600
-
-
mA
UVLO Voltage
VUVLO
VEN3 = VIN2, VOUT3 = 0V,
Voltage which Lx pin holding “L” level
(*1, *10)
1.00
1.40
1.78
V
XCM520AE
-
46
65
Supply Current
IDD
VIN2=VEN3=5.0V,
VOUT3 = VOUT3(E)×1.1V
XCM520AG
21
35
μA
Stand-by Current
ISTB
VIN2 = 5.0V, VEN3 = 0V, VOUT3 = VOUT3(E) × 1.1V
-
0
1.0
μA
Oscillation Frequency
fOSC
When connected to external components,
VIN2 = VOUT3(E) + 2.0V, VEN3=1.0V, VOUT3 = 100mA
2550
3000
3450
kHz
PFM Switching Current
IPFM
When connected to external components,
VIN2 = VOUT3(E) + 2.0V, VEN3 = VIN2 , VOUT3 = 1mA
(*11)
170
220
270
mA
PFM Duty Limit
DTYLIMIT_PFM
VEN3 = VIN2 = (C-1) VOUT3 = 1mA
(*11)
-
200
300
%
Maximum Duty Ratio
DMAX
VIN2 = VEN3 = 5.0V, VOUT3 = VOUT3 (E) × 0.9V
100
-
-
%
Minimum Duty Ratio
DMIN
VIN2 = VEN3 = 5.0V, VOUT3 = VOUT3 (E) × 1.1V
-
-
0
%
Efficiency
(*2)
EFFI
When connected to external components,
VEN3 = VIN2 = VOUT3 (E)+1.2V, VOUT3 =100mA
-
86
-
%
Lx SW "H" ON Resistance 1
RL
xH
VIN2 = VEN3 = 5.0V, VOUT3 = 0V, ILX = 100mA
(*3)
-
0.35
0.55
Ω
Lx SW "H" ON Resistance 2
RL
xH
VIN2 = VEN3 = 3.6V, VOUT3 = 0V, ILX = 100mA
(*3)
-
0.42
0.67
Ω
Lx SW "L" ON Resistance 1
RL
xL
VIN2 = VEN3 = 0V
(*4)
-
0.45
0.66
Ω
Lx SW "L" ON Resistance 2
RL
xL
VIN2 = VEN3 = 3.6V
(*4)
-
0.52
0.77
Ω
Lx SW "H" Leak Current
(*5)
ILEAKH
VIN2 = VOUT3 = 5.0V, VEN3 = 0V, LX= 0V
-
0.01
1.0
μA
Current Limit
(*9)
ILIM
VIN2 = VEN3 = 5.0V, VOUT3 = VOUT3 (E) × 0.9V
(*7)
900
1050
1350
mA
Output Voltage
Temperature
Characteristics
△VOUT3/
(VOUT3・△topr)
IOUT3 = 30mA
-40℃ ≦ Topr ≦ 85℃
-
±100
-
ppm/ ℃
EN "H" Level Voltage
VEN3H
VOUT3 = 0V, Applied voltage to VEN3,
Voltage changes Lx to “H” level
(*10)
0.65
-
6.0
V
EN "L" Level Voltage
VEN3L
VOUT3 = 0V, Applied voltage to VEN3,
Voltage changes Lx to “L” level
(*10)
VSS
-
0.25
V
EN "H" Current
IEN3H
VIN2 = VEN3 = 5.0V, VOUT3 = 0V
- 0.1
0.1
μA
EN "L" Current
IENL
VIN2 = 5.0V, VEN3 = 0V, VOUT3 = 0V
- 0.1
-
0.1
μA
Soft Start Time
tSS
When connected to external components,
VEN3 = 0V → VIN2 , VOUT3 =1mA
-
0.32
0.5
ms
Integral Latch Time
tLAT
VIN2 = VEN3 = 5.0V, VOUT3 = 0.8 × VOUT3(E)
Short Lx at 1Ω resistance
(*6)
1.0
-
20.0
ms
Short Protection
Threshold Voltage
VSHORT
Sweeping VOUT3, VIN2 = VEN3 = 5.0V, Short Lx at
1Ω resistance, VOUT3 voltage which Lx becomes “L”
level within 1ms
0.675
0.900
1.150
V
CL Discharge
RDCHG
VIN2 = 5.0V LX = 5.0V VEN3 = 0V VOUT3 = open
200
300
450
Ω
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XCM520AD04DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA01DR-G TOREX-XCM524AA01DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA02DR-G TOREX-XCM524AA02DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA03DR-G TOREX-XCM524AA03DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA04DR-G TOREX-XCM524AA04DR-G Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
More results

Similar Description - XCM520AD04DR-G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
logo
Linear Technology
LTC3607 LINER-LTC3607 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com