Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6119C8ANR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6119C8ANR-G
Description  Voltage Detector with Delay Time Adjustable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6119C8ANR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6119C8ANR-G Datasheet HTML 1Page - Torex Semiconductor XC6119C8ANR-G Datasheet HTML 2Page - Torex Semiconductor XC6119C8ANR-G Datasheet HTML 3Page - Torex Semiconductor XC6119C8ANR-G Datasheet HTML 4Page - Torex Semiconductor XC6119C8ANR-G Datasheet HTML 5Page - Torex Semiconductor XC6119C8ANR-G Datasheet HTML 6Page - Torex Semiconductor XC6119C8ANR-G Datasheet HTML 7Page - Torex Semiconductor XC6119C8ANR-G Datasheet HTML 8Page - Torex Semiconductor XC6119C8ANR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
XC6119 Series
Voltage Detector with Delay Time Adjustable
XC6119xxxAx
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
Delay Capacitance: Cd (
μF)
VIN(min)=0.7V VIN(max)=6.0V
t
r=5μs Ta=25℃
■GENERAL DESCRIPTION
The XC6119 series is a highly precise, low power consumption voltage detector, manufactured using CMOS and laser trimming
technologies.
The device includes the built-in delay circuit. A release delay time can be set freely by connecting an external delay capacitor to
the Cd pin.
The device using an ultra small package (USPN-4) is suited for high density mounting applications.
Both CMOS and N-channel open drain output configurations are available.
■APPLICATIONS
●Microprocessor reset circuitry
●Charge voltage monitors
●Memory battery back-up switch circuits
●Power failure detection circuits
■FEATURES
High Accuracy
: +2%
(Detection Voltage >1.5V)
: +30mV
(Detection Voltage <1.5V)
Low Power Consumption
: 0.5μA in detect state
(TYP., VDF=1.0V, VIN= 0.9V)
0.9μA in release state
(TYP., VDF=1.0V, VIN= 1.1V)
Detect Voltage Options
: 0.8V ~ 5.0V (0.1V increments)
Operating Voltage Range
: 0.7V ~ 6.0V
Detect Voltage Temperature Characteristics
: ±100ppm/
OC (TYP.)
Output Configuration
: CMOS or
N-channel open drain
Operating Temperature Range : -40
OC ~ +85 OC
Built-In Delay Circuit
: Delay Time Adjustable
Packages
: SSOT-24, USPN-4
Environmentally Friendly
: EU RoHS Compliant, Pb Free
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Release Delay Time vs. Delay Capacitance
■TYPICAL APPLICATION CIRCUIT
(No Pull-Up resistor needed
for CMOS output product)
ETR0216-002


Similar Part No. - XC6119C8ANR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6111 TOREX-XC6111 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A016 TOREX-XC6111A016 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A017 TOREX-XC6111A017 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A018 TOREX-XC6111A018 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A019 TOREX-XC6111A019 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Similar Description - XC6119C8ANR-G

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com