Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6119N18A7R-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6119N18A7R-G
Description  Voltage Detector with Delay Time Adjustable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6119N18A7R-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6119N18A7R-G Datasheet HTML 1Page - Torex Semiconductor XC6119N18A7R-G Datasheet HTML 2Page - Torex Semiconductor XC6119N18A7R-G Datasheet HTML 3Page - Torex Semiconductor XC6119N18A7R-G Datasheet HTML 4Page - Torex Semiconductor XC6119N18A7R-G Datasheet HTML 5Page - Torex Semiconductor XC6119N18A7R-G Datasheet HTML 6Page - Torex Semiconductor XC6119N18A7R-G Datasheet HTML 7Page - Torex Semiconductor XC6119N18A7R-G Datasheet HTML 8Page - Torex Semiconductor XC6119N18A7R-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
XC6119 Series
PIN NUMBER
USPN-4
SSOT-24
PIN NAME
FUNCTION
1
4
VOUT
Output (Detect ”L”)
2
3
Cd
Delay Capacitance
3
2
VSS
Ground
4
1
VIN
Input
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
CMOS output
Output Configuration
N
N-ch open drain output
②③
Detect Voltage
08 ~ 50
e.g. 18→1.8V
Output Delay &
Hysteresis
A
Built-in delay pin & hysteresis 5% (TYP.)
7R-G
USPN-4
⑤⑥-⑦
Packages
Taping Type
(*2)
NR-G
SSOT-24
■PIN CONFIGURATION
■PIN ASSIGNMENT
PRODUCT CLASSIFICATION
●Ordering Information
XC6119①②③④⑤⑥-⑦
(*1)
SSOT-24
(TOP VIEW)
USPN-4
(BOTTOM VIEW)
(*1)
The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)


Similar Part No. - XC6119N18A7R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6111 TOREX-XC6111 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A016 TOREX-XC6111A016 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A017 TOREX-XC6111A017 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A018 TOREX-XC6111A018 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A019 TOREX-XC6111A019 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Similar Description - XC6119N18A7R-G

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com