Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6119N8A7R-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6119N8A7R-G
Description  Voltage Detector with Delay Time Adjustable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6119N8A7R-G Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6119N8A7R-G Datasheet HTML 1Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 2Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 3Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 4Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 5Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 6Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 7Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 8Page - Torex Semiconductor XC6119N8A7R-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
XC6119
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~+7.0
V
Output Current
IOUT
10
mA
XC6119C (*1)
VSS-0.3~VIN+0.3
Output
Voltage
XC6119N (*2)
VOUT
VSS-0.3~+7.0
V
Delay Pin Voltage
VCD
VSS-0.3~VIN+0.3
V
Delay Pin Current
ICD
5.0
mA
USPN-4 *
100
Power
Dissipation
SSOT-24
Pd
150
mW
Operating Temperature Range
Ta
-40~+85
oC
Storage Temperature Range
Tstg
-55~+125
oC
NOTE:
*1: CMOS output
*2: N-ch open drain output
■BLOCK DIAGRAMS
■ABSOLUTE MAXIMUM RATINGS
(1) XC6119C (CMOS Output)
(2) XC6119N (N-ch Open Drain Output)
Ta=25℃


Similar Part No. - XC6119N8A7R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6111 TOREX-XC6111 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A016 TOREX-XC6111A016 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A017 TOREX-XC6111A017 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A018 TOREX-XC6111A018 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6111A019 TOREX-XC6111A019 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Similar Description - XC6119N8A7R-G

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com