Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF2443IPFP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFP
Description  Integrated IF Transceiver for Broadband Wireless Applications
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF2443IPFP Datasheet HTML 6Page - Texas Instruments TRF2443IPFP Datasheet HTML 7Page - Texas Instruments TRF2443IPFP Datasheet HTML 8Page - Texas Instruments TRF2443IPFP Datasheet HTML 9Page - Texas Instruments TRF2443IPFP Datasheet HTML 10Page - Texas Instruments TRF2443IPFP Datasheet HTML 11Page - Texas Instruments TRF2443IPFP Datasheet HTML 12Page - Texas Instruments TRF2443IPFP Datasheet HTML 13Page - Texas Instruments TRF2443IPFP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
TRANSMITTER CHARACTERISTICS
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
VCC_3V = 3.3 V ± 5%, TJ = 65°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIout
TX output frequency
340
MHz
FROM TXBBI/Q INPUTS TO TX RFOUT
Pmax
Maximum output power
TX ATT set to 0(1)
2.5
dBm
Pmin
Minimum output power
TX ATT set to 35
–28.5
dBm
Grange
Gain range
Programmed by SPI
31
dB
Gstep
1-dB gain step
Two consecutive 1-dB steps
0.8
1.2
dB
TX ATT set to 4(2)
–139
–135
Nout
Output noise floor
dBm/Hz
TX ATT set to 31(2)
–166
–162
Two tones of –2.5 dBm each at TX
27.5
29.5
output(3)
OIP3
Output IP3
dBm
Two tones of –29.5 dBm each at TX
0.5
output(3)
CS
Carrier leakage
Calibrated; TX ATT set to 4(4)
–55
–35
dBm
SBS
Side-band suppression
Uncalibrated(5)
–50
–35
dB
HD2
Second harmonic level
See (1)
–55
dBc
HD3
Third harmonic level
See (1)
–50
dBc
τoff
TX turnoff time(6)
TX_PWD: low
→ high;
10
100
µs
TX off attenuation(7)
TX_PWD = high
30
dB
VCM
Baseband input common-mode voltage(8)
1.4
V
Parallel resistor
10
k
ZBBin
TX differential input impedance
Parallel capacitor
0.1
pF
Γout
Output return loss
Z0 = 50 Ω
(9)
–12
dB
POWER ALARM DETECTOR (See the Power Alarm Detector section)
Detector threshold
See (10)
See (11) See (11)
dB
Response time(12) (specified by design)
See (11)
µs
(1)
Measured after the transformer (0.7-dB insertion loss) and with a TXBBI (or TXBBQ) input level of –23 dBVrms
(2)
No signal applied to TRF2443. This parameter is assured by characterization and is not production tested.
(3)
Two tones of –26 dBVrms each at TXBBI and TXBBQ inputs at 5 MHz and 8 MHz; measured at transformer output (0.7-dB insertion
loss).
(4)
Using internal common and dc offset control
(5)
TXIQ_PHASE set to 8; SPI-3, register 1, B<17,13>
(6)
See the TX Output Power Ramp-Down section.
(7)
Attenuation of output level from TX on.
(8)
Common mode input is set internally. It is possible to disable internal bias through SPI and apply external common mode.
(9)
Single-ended, measured at transformer output
(10) Delta output power level at TX fixed gain that forces detector output low (power alarm).
(11) Detector threshold and response time are fully programmable by the user. (See the Power Alarm Detector section.)
(12) If output power is lower than threshold for more than user-specified value, power-alarm detector output goes low.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443


Similar Part No. - TRF2443IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2443_15 TI-TRF2443_15_15 Datasheet
1Mb / 85P
[Old version datasheet]   Integrated IF Transceiver for Broadband Wireless Applications
More results

Similar Description - TRF2443IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2443_15 TI-TRF2443_15_15 Datasheet
1Mb / 85P
[Old version datasheet]   Integrated IF Transceiver for Broadband Wireless Applications
logo
Analog Devices
AD9861 AD-AD9861_17 Datasheet
977Kb / 52P
   Transceiver for Broadband Applications
AD9863 AD-AD9863_17 Datasheet
978Kb / 41P
   Transceiver for Broadband Applications
logo
RF Monolithics, Inc
SF2072C RFM-SF2072C Datasheet
1Mb / 7P
   Designed for Broadband Receiver IF Applications
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
   3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
logo
Analog Devices
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
logo
Maxim Integrated Produc...
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com