Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS658620 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS658620
Description  Advanced Power Management Unit
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS658620 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS658620 Datasheet HTML 4Page - Texas Instruments TPS658620 Datasheet HTML 5Page - Texas Instruments TPS658620 Datasheet HTML 6Page - Texas Instruments TPS658620 Datasheet HTML 7Page - Texas Instruments TPS658620 Datasheet HTML 8Page - Texas Instruments TPS658620 Datasheet HTML 9Page - Texas Instruments TPS658620 Datasheet HTML 10Page - Texas Instruments TPS658620 Datasheet HTML 11Page - Texas Instruments TPS658620 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
2.4
ELECTRICAL CHARACTERISTIC
TPS658620
Advanced Power Management Unit
SLVS993 – OCTOBER 2009
www.ti.com
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER PATH CURRENT LIMIT AND PROTECTION FUNCTIONS
–40
°C < T
A < 85°C
90
100
Selected Input switch not in dropout. I
2C
IUSB100
mA
settings: USBMODE=HI, USBLIMIT=LO
–25
°C < T
A < 85°C
92
100
Selected input current limit, applies to USB input
only
Selected Input switch not in dropout. I
2C settings: USBMODE=HI,
IUSB500
435
500
mA
USBLIMIT=HI
Input current limit range, AC input
2.75
A
Selected input current limit, applies to AC input
Total accuracy, relative to IINLIM(TYP)
–20%
20%
IINLIM
Input current limit range, USB input configured with USBMODE=LO
2.11
A
Selected input current limit, applies to USB input
Total accuracy, relative to IINLIM(TYP)
–12.5%
12.5%
Load at SYS pin: 80% of current limit value to 120% of regulation value
TOVSH
Input current limit transient time
(IINLIM, IUSB100 or IUSB500). Time measured from load transient to input current
20
µs
within regulation limits.
Load at SYS pin: 80% of current limit value to 120% of regulation value
IOVSHPKUSB
Input current limit overshoot
(IINLIM, IUSB100 or IUSB500),
20%
t < TOVSH
VSH(SYS)
SYS power path Short Circuit detection threshold
All power path switches set to OFF if V(SYS) < VSH(SYS)
1.6
1.8
2.0
V
RFLT(USB)
SYS short circuit recovery pull-up resistor
V(SYS) < VSH(SYS), internal resistor connected from USB to SYS
550
RFLT(AC)
SYS short circuit recovery pull-up resistor
V(SYS) < VSH(SYS), internal resistor connected from AC to SYS
550
IBATSYS
Battery switch over-current detection
2.18
2.54
A
Short circuit detection blanked for TDGL(BATSYS), measured from batt
100
110
120
ms
switch: OFF->ON or initial sys power path enable
TDGL(BATSYS) Battery switch over-current detection delay
Battery switch already turned on or sys power path enabled
1
ms
Battery switch over-current recovery pull-up current V(BAT) –V(SYS) > VOC(SYS), internal current source connected from BAT to
IFLT(SYS)
30
mA
source
SYS
VSUP(SYS)
Supplement detection threshold
Battery switch ON at V(BAT)-V(SYS) > VSUP(SYS)
40
mV
VSUPNDT(SYS) Supplement mode not detected threshold
Battery switch OFF at V(BAT)-V(SYS)<VSUPNDT(SYS)
7
mV
POWER PATH INTEGRATED MOSFETS CHARACTERISTICS
VACDO = V(AC)-V(SYS); V(AC)=4V AC input current limit set to 2.0A (typ)
VACDO
AC switch dropout voltage
150
mV
IO(SYS) = 1.0A
I(SYS)+I(BAT)= 0.425A
240
VUSBDO = V(USB)-V(SYS);
VUSBDO
USB switch dropout voltage
mV
V(USB)=4.6V
I(SYS)+I(BAT)= 85mA
240
VBATDODCH = V(BAT)-V(SYS), V(BAT)=3V,
VBATDODCH
Battery Switch dropout voltage, discharge or charge
40
150
mV
I(BAT)= –1A
POWER PATH TIMING CHARACTERISTICS
TSW(ACBAT)
Switching from AC to BAT
No USB, AC power removed
150
µs
TSW(USBBAT)
Switching from USB to BAT
No AC, USB power removed
150
µs
POWER PATH DISCHARGE SWITCHES
IDCH(AC)
AC pin discharge current
Always ON, V(AC) > 1 V
100
µA
IDCH(USB)
USB pin discharge current
Always ON, V(USB) > 1 V
100
µA
SM0, SM1, SM2 DC/DC CONVERTERS
Converter turned OFF at V(VIN_SMn) < VSMUV
2.0
V
Low input voltage detection threshold, input voltage
VSMUV
decreasing
Hysteresis , rising input voltage
100
mV
High side MOSFET on-resistance
VIN_SMx = 3.6V, 100% duty cycle
200
m
RDS(ON)
Low side MOSFET on-resistance
VIN_SMx = 3.6V, 0% duty cycle
200
m
ILK_HS
High side leakage current
1
µA
TJ = 85°C
ILK_LS
Low side leakage current
1
µA
SM0, SM1
1550
1860
ILIM
High side and low side current limit
2.9V
≤ V
IN_SMx ≤ 5.5V
mA
SM2 (snubber enabled)
1550
1860
fSW
Oscillator frequency
PWM mode
2.025
2.25
2.475
MHz
Power fault detection, Voltage decreasing, referenced to programmed
–13.0%
–10%
–7.0%
output voltage
VSMPG
Power good threshold
Hysteresis, voltage increasing, referenced to VSMPG
5%
Electrical Specifications
8
Submit Documentation Feedback


Similar Part No. - TPS658620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI1-TPS658621A Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR TI-TPS658621AZGUR Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR TI-TPS658621AZGUR Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
More results

Similar Description - TPS658620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com