Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPS614 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UPS614
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS614 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UPS614 Datasheet HTML 3Page - Unisonic Technologies UPS614 Datasheet HTML 4Page - Unisonic Technologies UPS614 Datasheet HTML 5Page - Unisonic Technologies UPS614 Datasheet HTML 6Page - Unisonic Technologies UPS614 Datasheet HTML 7Page - Unisonic Technologies UPS614 Datasheet HTML 8Page - Unisonic Technologies UPS614 Datasheet HTML 9Page - Unisonic Technologies UPS614 Datasheet HTML 10Page - Unisonic Technologies UPS614 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
UPS614
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R119-009,A
FUNCTIONAL DESCRIPTION(Cont.)
(2) Protection section
UPS614 takes on more protection functions such as OLP, OVP and OTP etc. In case of those failure modes for
continual 7.2µs (blanking time), the driver is shut down. At the same time, IC enters auto-restart, VCC power on and
driver is reset after VCC power on again.
OLP
After soft-start phase end (VSS>5.1V), IC will shutdown driver if over load state occurs (corresponding to
VFB>4.6V) for continual 7.2µs. OLP function will not inactive during soft-start phase. OLP case as followed FIG.4.
The test circuit as followed FIG.6 for UPS614.
VCC
VOUT
VFB
VSS
t
t
t
t
5.1V
4.6V
8.1V
12.6V
7.2µs Blanking
7.2µs Blanking
SS Phase
VCC
Driver
ON/OFF
VFB
VSS
t
t
t
t
5.1V
4.6V
8.1V
12.6V
7.2µs Blanking
7.2µs Blanking
SS Phase
Trestart
16V
3.9V
OVP Phase
FIG.4 OLP case
FIG.5 OVP case
OVP
Power supply VCC’s OVP function are enabled only when VSS<3.9 & VFB>4.6V during soft-start phase. During
above condition, driver will be shutdown if over voltage state occurs (VCC>16V) for continual 7.2µs. OVP function will
not inactive after soft-start phase. OLP case as followed FIG.5. The test circuit as followed FIG.7 for UPS614.
OTP
OTP will shut down driver when junction temperature TJ of internal circuits is more than threshold 135°C for
continual 7.2µs.


Similar Part No. - UPS614

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS611 UTC-UPS611 Datasheet
264Kb / 11P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS612 UTC-UPS612 Datasheet
264Kb / 11P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
Microsemi Corporation
UPS615 MICROSEMI-UPS615 Datasheet
108Kb / 2P
   6 Amp Schottky ORing Rectifier
UPS6150 MICROSEMI-UPS6150 Datasheet
121Kb / 2P
   6 Amp Schottky Rectifier
More results

Similar Description - UPS614

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602 Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com