Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPS612 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UPS612
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS612 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UPS612 Datasheet HTML 3Page - Unisonic Technologies UPS612 Datasheet HTML 4Page - Unisonic Technologies UPS612 Datasheet HTML 5Page - Unisonic Technologies UPS612 Datasheet HTML 6Page - Unisonic Technologies UPS612 Datasheet HTML 7Page - Unisonic Technologies UPS612 Datasheet HTML 8Page - Unisonic Technologies UPS612 Datasheet HTML 9Page - Unisonic Technologies UPS612 Datasheet HTML 10Page - Unisonic Technologies UPS612 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
UPS612
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 11
www.unisonic.com.tw
QW-R119-008,A
FUNCTIONAL DESCRIPTION(Cont.)
C4
2
1
3
4
7
8
6
5
C13
UPS612
RCS
IC3
VCC
15V
FIG.6 OLP test circuit
FIG.7 OVP test circuit
VFB
20ms
4.6v
VFB
5.5v
Driver
VCS
C4
2
1
3
4
7
8
6
5
C13
RCS
IC3
VCC
15V
15µs
16V
VCC
3v
Driver
VCS
UPS612
(3) Driver Output Section
Rise edge time of driver output is about 200ns for avoiding Low EMI.
(4) Inside power switch MOS transistor
For UPS612, it’s inside power MOS transistor may load source current 2A. Specific power MOS transistor
parameter is as “POWER MOS TRANSISTOR SECTION” in electrical characteristics table.


Similar Part No. - UPS612

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS611 UTC-UPS611 Datasheet
264Kb / 11P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS614 UTC-UPS614 Datasheet
263Kb / 11P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
Microsemi Corporation
UPS615 MICROSEMI-UPS615 Datasheet
108Kb / 2P
   6 Amp Schottky ORing Rectifier
UPS6150 MICROSEMI-UPS6150 Datasheet
121Kb / 2P
   6 Amp Schottky Rectifier
More results

Similar Description - UPS612

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602 Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com