Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65230A2DCAR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65230A2DCAR
Description  POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65230A2DCAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65230A2DCAR Datasheet HTML 6Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 7Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 8Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 9Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 10Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 11Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 12Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 13Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SOFT START
BROWNOUT MONITOR (BOR)
TPS65230, TPS65231
SLVSA10A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009.................................................................................................................................... www.ti.com
voltage protection threshold and shut down the BUCK controller. Buck 2 and 3 show a similar mode of operation.
All converters operate in hiccup mode: Once an over-current is sensed, the controller shuts off the converter for
a given time and then tries to start again. If the overload has been removed, the converter will ramp up and
operate normally. If this is not the case the converter will see another over-current event and shuts-down again
repeating the cycle (hiccup) until the failure is cleared.
Soft start (SS) for all three BUCKs is controlled by a single capacitor connected to the SS pin and an internal
current source. When one of the BUCKs is enabled, the SS capacitor is pre-charged to the output voltage
divided by the feed-back ratio before the internal SS current source starts charging the external capacitor. The
output voltage of the BUCK ramps up as the SS pin voltage increased from its pre-charged value to 0.8 V. The
soft start time is calculated from the SS supply current (ISS) and the capacitor value and has a typical value of
0.4 ms/nF or 1.3 ms for a 3.3-nF capacitor connected to the SS pin. Before the next rail is enabled, the SS cap is
discharged and the SS cycle starts over again.
The TPS65230 and TPS65231 monitor the input supply and issues a warning if the input voltage drops below the
BOR threshold of 9.3 V. The nBOR/nHOT pin is pulled low to alarm the host processor of the brown-out
condition. nBOR is released after the supply voltage has risen above 10.8 V. nBOR/nHOT pin is also pulled low
when the chip temperature rises above the HOT threshold and is released when the chip has cooled off. The
purpose of the nBOR/nHOT function is to give the host processor time to finish operations and store data before
the system shuts down. Both events, BOR and HOT, are individually flagged in the STATUS1 register. Note that
unlike the INT output pin, reading the STATUSx registers has no effect on the state of the nBOR/nHOT pin in I2C
mode. nBOR/nHOT depends only of the input voltage and temperature condition.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65230 TPS65231


Similar Part No. - TPS65230A2DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65230A2DCAR TI1-TPS65230A2DCAR Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
More results

Similar Description - TPS65230A2DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65230 TI1-TPS65230_15 Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
ETA SOLUTIONS CO. LIMIT...
ETA9020 ETA-ETA9020 Datasheet
190Kb / 1P
   3-Channel Power Management Units for ADSL Modems & Set-top Boxes
logo
STMicroelectronics
DTTI5516 STMICROELECTRONICS-DTTI5516 Datasheet
87Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
QAMI5516 STMICROELECTRONICS-QAMI5516 Datasheet
54Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
March 2004
logo
ANADIGICS, Inc
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
ANADIGICS, Inc
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
   Active Splitter for CATV Set-Top Boxes
logo
RFHIC
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
   Multi Tuner Set-Top Boxes
AD254 RFHIC-AD254 Datasheet
256Kb / 6P
   Multi Tuner Set-Top Boxes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com