Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65230A2DCAR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65230A2DCAR
Description  POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65230A2DCAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65230A2DCAR Datasheet HTML 5Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 6Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 7Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 8Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 9Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 10Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 11Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 12Page - Texas Instruments TPS65230A2DCAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
POWER-UP SEQUENCING
V3p3
V3p3
(1)
(2)
EN_BCKx
BUCKENABLE
6uA
Enable
Threshold
BUCK A
Enable
BUCKB
Enable
BUCKC
Enable
Time
Delaytime = 0.2ms/nF
1.2V
(1) Connect EN_BCKx pin to V3P3 to follow the default power-up sequence or
(2) Connect a capacitor from EN_BCKx to GND to generate a custom power-up sequence.
OVER CURRENT PROTECTION
I
=
LIM
R
I
TRIP
TRIP
·
10
· RDS(ON)
¾
(1)
TPS65230, TPS65231
www.ti.com.................................................................................................................................... SLVSA10A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
ON/OFF control and power sequencing of the three buck regulators is controlled through EN_BCK1, EN_BCK2,
and EN_BCK3 enable pins. Each pin is internally connected to a 6-
µA constant-current source and monitored by
a comparator with Schmitt trigger input with defined threshold. Connecting EN_BCKn pin to ground disables
BUCKn and connecting EN_BCKn to V3P3 will enable the respective buck without delay. If more than one buck
enable pin is connected to V3P3 the default startup sequence is BUCK1, BUCK2, BUCK3 and the minimum
startup delay between rails is the soft-start time (typical 1.5 ms) plus 1 ms.
To create a startup-sequence different from the default, capacitors are connected between the EN_BUCKn pins
and ground. At power-up the capacitors are first discharged and then charged to V3P3 level by internal current
sources (6
µA typical) creating a constant-slope voltage ramp. A regulator is enabled when its EN pin voltage
crosses the enable threshold (typical 1.2 V). A delay of 0.2 ms is generated for each 1-nF of capacitance
connected to the enable pin. If two enable pins are pulled high while the third regulator is starting up, the default
sequence will be applied to enable the remaining two regulators. To override default power-up sequence it is
recommended that delay times differ by more than the soft-start time (typical 1.3 ms) plus 1 ms.
In I2C mode regulators can also be enabled by setting their respective EN bits in the ENABLE register. The same
startup-time limitations and arbitration rules apply in I2C mode as described above.
Figure 2. Customizing the Power-Up Sequence
Over current protection (OCP) for BUCK1 is achieved by comparing the drain-to-source voltage of the low-side
MOSFET to a set-point voltage, which is defined by both the internal current source, ITRIP, and the external
resistor connected between the TRIP pin and ground. Over current threshold is calculated as Equation 1.
ITRIP has a typical value of 10
µA at 25°C and a temperature coefficient of 3700 ppm/°C to compensate the
temperature dependency of the MOS RDS(ON). The TPS65230 and TPS65231 support cycle-by-cycle over current
limiting control which means that the controller compares the drain-to-source voltage of the low-side FET to the
set-point voltage once per switching cycle and blanks out the next switching cycle if an over-current condition is
detected. If in the following cycle over current condition is detected again, the controller blanks out 2, then 4, 8,
and up to 16 cycles before turning on the high-side driver again. In an over current condition the current to the
load exceeds the current to the output capacitor thus the output voltage will drop, and eventually cross the under
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65230 TPS65231


Similar Part No. - TPS65230A2DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65230A2DCAR TI1-TPS65230A2DCAR Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
More results

Similar Description - TPS65230A2DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65230 TI1-TPS65230_15 Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
ETA SOLUTIONS CO. LIMIT...
ETA9020 ETA-ETA9020 Datasheet
190Kb / 1P
   3-Channel Power Management Units for ADSL Modems & Set-top Boxes
logo
STMicroelectronics
DTTI5516 STMICROELECTRONICS-DTTI5516 Datasheet
87Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
QAMI5516 STMICROELECTRONICS-QAMI5516 Datasheet
54Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
March 2004
logo
ANADIGICS, Inc
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
ANADIGICS, Inc
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
   Active Splitter for CATV Set-Top Boxes
logo
RFHIC
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
   Multi Tuner Set-Top Boxes
AD254 RFHIC-AD254 Datasheet
256Kb / 6P
   Multi Tuner Set-Top Boxes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com