Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1188 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L1188
Description  800mA CMOS LDO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1188 Datasheet(HTML) 5 Page - Unisonic Technologies

  L1188 Datasheet HTML 1Page - Unisonic Technologies L1188 Datasheet HTML 2Page - Unisonic Technologies L1188 Datasheet HTML 3Page - Unisonic Technologies L1188 Datasheet HTML 4Page - Unisonic Technologies L1188 Datasheet HTML 5Page - Unisonic Technologies L1188 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L1188
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-324.b
TYPICAL APPLICATION CIRCUIT
APPLICATION INFORMATION
1. Detailed Description
Internal circuits include: a PMOS pass transistor, voltage reference, error amplifier, over-current protection, and
thermal shutdown.
The data through the error amplifier, over-current shutdown, and thermal protection circuits, then to the
P-channel pass transistor.
As soon as the junction temperature exceeds 150°C or the current exceeds 900mA, over-current and thermal
shutdown circuits start working. When the junction temperature drops below 120°C, normal operation is restored.
When the load exceeds the rated output current, for preventing the over stress, the chip switches from voltage
mode to current mode.
2. External Information
When considering the external capacitors, the L1188 is stable with an output capacitor to ground of 2.2μF or
greater. As we know, the ceramic capacitors have the lowest ESR but can offer the best AC performance; the
aluminum electrolytic capacitors exhibit the highest ESR but offer the poorest AC response. And also large value
ceramic capacitors are expensive. Consider all the situation, the best way is to parallel a 0.1μF ceramic capacitor with
a 10μF Aluminum Electrolytic (low ESR, high capacitance, and low overall cost).
For better beneficial effecting, the input capacitor should be at least 0.1μF.


Similar Part No. - L1188

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1188 UTC-L1188 Datasheet
152Kb / 6P
   800mA CMOS LDO
L1188 UTC-L1188 Datasheet
160Kb / 4P
   800mA CMOS LDO
L1188G-XX-AA3-A-R UTC-L1188G-XX-AA3-A-R Datasheet
152Kb / 6P
   800mA CMOS LDO
L1188G-XX-AA3-A-R UTC-L1188G-XX-AA3-A-R Datasheet
160Kb / 4P
   800mA CMOS LDO
L1188L-XX-AA3-A-R UTC-L1188L-XX-AA3-A-R Datasheet
160Kb / 4P
   800mA CMOS LDO
More results

Similar Description - L1188

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
   800mA CMOS LDO
L1188 UTC-L1188_12 Datasheet
160Kb / 4P
   800mA CMOS LDO
logo
Analog Microelectronics
AME8847 AME-AME8847 Datasheet
169Kb / 12P
   800mA CMOS LDO
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
logo
Microchip Technology
TC1264 MICROCHIP-TC1264 Datasheet
448Kb / 12P
   800mA Fixed Output CMOS LDO
2002
logo
Will Semiconductor Ltd.
WL2803K WILLSEMI-WL2803K Datasheet
732Kb / 10P
   Ultra low dropout, 800mA, CMOS LDO
WL2803D WILLSEMI-WL2803D Datasheet
768Kb / 9P
   Ultra low dropout, 800mA, CMOS LDO
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com