Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54318 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54318
Description  2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54318 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54318 Datasheet HTML 5Page - Texas Instruments TPS54318 Datasheet HTML 6Page - Texas Instruments TPS54318 Datasheet HTML 7Page - Texas Instruments TPS54318 Datasheet HTML 8Page - Texas Instruments TPS54318 Datasheet HTML 9Page - Texas Instruments TPS54318 Datasheet HTML 10Page - Texas Instruments TPS54318 Datasheet HTML 11Page - Texas Instruments TPS54318 Datasheet HTML 12Page - Texas Instruments TPS54318 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
-3
-2.8
-2.6
-2.4
-2.2
-2
-1.8
-1.6
-1.4
-1.2
-1
V
=5V
IN
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
85
87
89
91
93
95
97
99
101
103
105
V
=5V
IN
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
UVLOStartSwitching
UVLOStopSwitching
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
0
0.5
1
1.5
2
2.5
3
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
T =25°C
J
300
310
320
330
340
350
360
370
380
390
400
V
=3.3V
IN
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
TPS54318
www.ti.com ......................................................................................................................................................................................... SLVS975 – SEPTEMBER 2009
TYPICAL CHARACTERISTICS CURVES (continued)
CHARGE CURRENT vs TEMPERATURE
DISCHARGE CURRENT vs TEMPERATURE
Figure 13.
Figure 14.
INPUT VOLTAGE vs TEMPERATURE
SHUTDOWN SUPPLY CURRENT vs TEMPERATURE
Figure 15.
Figure 16.
SHUTDOWN SUPPLY CURRENT vs INPUT VOLTAGE
SUPPLY CURRENT vs TEMPERATURE
Figure 17.
Figure 18.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS54318


Similar Part No. - TPS54318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54318RTER TI-TPS54318RTER Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54318RTET TI-TPS54318RTET Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results

Similar Description - TPS54318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
   2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TPS5432 TI1-TPS5432 Datasheet
1Mb / 28P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
   6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com