Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5410MDREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5410MDREP
Description  1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5410MDREP Datasheet(HTML) 3 Page - Texas Instruments

  TPS5410MDREP Datasheet HTML 1Page - Texas Instruments TPS5410MDREP Datasheet HTML 2Page - Texas Instruments TPS5410MDREP Datasheet HTML 3Page - Texas Instruments TPS5410MDREP Datasheet HTML 4Page - Texas Instruments TPS5410MDREP Datasheet HTML 5Page - Texas Instruments TPS5410MDREP Datasheet HTML 6Page - Texas Instruments TPS5410MDREP Datasheet HTML 7Page - Texas Instruments TPS5410MDREP Datasheet HTML 8Page - Texas Instruments TPS5410MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS5410-EP
www.ti.com ......................................................................................................................................................................................... SLVS910 – SEPTEMBER 2009
DISSIPATION RATINGS
(1) (2)
THERMAL IMPEDANCE
PACKAGE
JUNCTION-TO-AMBIENT
8 Pin D (3)
75°C/W
(1)
Maximum power dissipation may be limited by overcurrent protection.
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 125°C. This is the point where
distortion starts to substantially increase. Thermal management of the final PCB should strive to keep the junction temperature at or
below 125°C for best performance and long-term reliability. See Thermal Calculations in applications section of this data sheet for more
information.
(3)
Test board conditions:
(a) 3 in x 3 in, 2 layers, thickness: 0.062 inch.
(b) 2 oz. copper traces located on the top and bottom of the PCB.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VI
Input voltage range, VIN
5.5
36
V
TJ
Operating junction temperature
–55
125
°C
ELECTRICAL CHARACTERISTICS
TJ = –55°C to 125°C, VIN = 5.5 V to 36 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
VSENSE = 2 V, Not switching, PH pin
3
4.4
mA
open
IQ
Quiescent current
Shutdown, ENA = 0 V
18
50
μA
UNDERVOLTAGE LOCK OUT (UVLO)
Start threshold voltage, UVLO
5.3
V
Hysteresis voltage, UVLO
330
mV
VOLTAGE REFERENCE
TJ = 25°C
1.202
1.221
1.239
Voltage reference accuracy
V
IO = 0 A – 1 A
1.192
1.221
1.245
OSCILLATOR
TJ = 25°C
400
500
600
Internally set free-running frequency
kHz
TJ = Full range
380
600
Minimum controllable on time
150
210
ns
Maximum duty cycle
87%
89%
ENABLE (ENA PIN)
Start threshold voltage, ENA
1.3
V
Stop threshold voltage, ENA
0.5
V
Hysteresis voltage, ENA
450
mV
Internal slow-start time (0 ~ 100%)
5.35
8
10
ms
CURRENT LIMIT
TJ = 25°C
1.2
1.5
1.8
Current limit
A
TJ = Full range
0.45
4.6
Current limit hiccup time
13
16
22.5
ms
THERMAL SHUTDOWN
Thermal shutdown trip point
135
162
°C
Thermal shutdown hysteresis
14
°C
OUTPUT MOSFET
VIN = 5.5 V
150
rDS(on)
High side power MOSFET switch
m
VIN = 10 V - 36 V
110
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS5410-EP


Similar Part No. - TPS5410MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410 TI-TPS5410 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS5410 TI1-TPS5410 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410-EP TI1-TPS5410-EP Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
More results

Similar Description - TPS5410MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
910Kb / 25P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com