Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6136A2YFFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6136A2YFFR
Description  25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6136A2YFFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA6136A2YFFR Datasheet HTML 4Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 5Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 6Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 7Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 8Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 9Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 10Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 11Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
0.001
0.01
0.1
1
20
100
1k
10k
20k
f-Frequency-Hz
P =20mWperChannel
O
P =10mWperChannel
O
P =1mWperChannel
O
R =32
,
V
=3.6V
L
DD
W
0.001
0.01
0.1
1
20
100
1k
10k
20k
f-Frequency-Hz
P =20mWperChannel
O
P =1mWperChannel
O
R =32
,
V
=5V
L
DD
W
P =10mWperChannel
O
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
THD+N=1%
THD+N=10%
0
5
10
15
20
25
30
35
40
45
50
R =16
L
W
THD+N=1%
THD+N=10%
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
0
5
10
15
20
25
30
35
40
45
50
R =32
L
W
1
10
40
10
100
1000
R -LoadResistance-
L
W
V
=2.5V,1% THD+N
DD
V
=3.6V,10% THD+N
DD
f=1kHz
V
=2.5V,10% THD+N
DD
V
=3.6V,1% THD+N
DD
0
5
10
15
20
25
30
10
100
200
R -LoadResistance-
L
W
THD+N=1%,
V
=3.6V
DD
HPVSSandFlyingCap=2.2 F
m
HPVSSandFlyingCap=1 F
m
HPVSSandFlyingCap=0.47 F
m
TPA6136A2
SLOS621A – JULY 2009 – REVISED AUGUST 2009 ........................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE vs FREQUENCY
TOTAL HARMONIC DISTORTION + NOISE vs FREQUENCY
Figure 7.
Figure 8.
OUTPUT POWER vs SUPPLY VOLTAGE
OUTPUT POWER vs SUPPLY VOLTAGE
Figure 9.
Figure 10.
OUTPUT POWER vs LOAD RESISTANCE
OUTPUT POWER vs LOAD RESISTANCE
Figure 11.
Figure 12.
8
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA6136A2


Similar Part No. - TPA6136A2YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results

Similar Description - TPA6136A2YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com