Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6136A2YFFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6136A2YFFR
Description  25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6136A2YFFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6136A2YFFR Datasheet HTML 2Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 3Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 4Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 5Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 6Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 7Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 8Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 9Page - Texas Instruments TPA6136A2YFFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
OPERATING CHARACTERISTICS
TPA6136A2
SLOS621A – JULY 2009 – REVISED AUGUST 2009 ........................................................................................................................................................ www.ti.com
VDD = 3.6 V , TA = 25°C, RL = 16 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 1%, f = 1 kHz
25
PO
Output power(1) (Outputs in phase)
mW
THD = 1%, f = 1 kHz, RL = 32 Ω
22
VO
Output voltage(1) (Outputs in phase)
THD = 1%, VDD = 3.6 V, f = 1 kHz, RL = 100 Ω
1.1
VRMS
GAIN = 0 V, (0 dB)
–0.95
–1.0
–1.05
AV
Closed-loop voltage gain (OUT / IN–)
V/V
GAIN
≥ 1.3 V (6 dB)
–1.95
–2.0
–2.05
ΔAv
Gain matching
Between Left and Right channels
1%
GAIN = 0 V (0 dB)
19.8
Input impedance (per input pin)
GAIN
≥ 1.3 V (6 dB)
13.2
RIN
k
Input impedance in shutdown
EN = 0 V
10
(per input pin)
VCM
Input common-mode voltage range
–0.5
1.5
V
EN = HI-Z
≥ 1.3 V, f = 10 kHz
40
EN = HI-Z
≥ 1.3 V, f = 1 MHz
4.5
k
Output Impedance
EN = HI-Z
≥ 1.3 V, f = 10 MHz
0.75
EN = 0 V (shutdown mode)
25
Input-to-output attenuation in shutdown
EN = 0 V
80
dB
200 mVpp ripple, f = 217 Hz
–80
-100
AC
AC-power supply rejection ratio
dB
PSRR
200 mVpp ripple, f = 10 kHz
-90
PO = 20 mW, f = 1 kHz
0.02%
THD+N
Total harmonic distortion plus noise(2)
PO = 25 mW into 32 Ω, VDD = 5.5 V, f = 1 kHz
0.01%
SNR
Signal-to-noise ratio
PO = 20 mW; GAIN = 0 V, (AV = 0 dB)
100
dB
En
Noise output voltage
A-weighted
5.5
µV
RMS
fosc
Charge pump switching frequency
1200
1275
1350
kHz
tON
Start-up time from shutdown
5
ms
Crosstalk
PO = 20 mW, f = 1 kHz
–80
dB
Threshold
150
°C
Thermal shutdown
Hysteresis
20
°C
(1)
Per output channel
(2)
A-weighted
6
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA6136A2


Similar Part No. - TPA6136A2YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results

Similar Description - TPA6136A2YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com