Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA8418RTWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TCA8418RTWR
Description  I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA8418RTWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA8418RTWR Datasheet HTML 4Page - Texas Instruments TCA8418RTWR Datasheet HTML 5Page - Texas Instruments TCA8418RTWR Datasheet HTML 6Page - Texas Instruments TCA8418RTWR Datasheet HTML 7Page - Texas Instruments TCA8418RTWR Datasheet HTML 8Page - Texas Instruments TCA8418RTWR Datasheet HTML 9Page - Texas Instruments TCA8418RTWR Datasheet HTML 10Page - Texas Instruments TCA8418RTWR Datasheet HTML 11Page - Texas Instruments TCA8418RTWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Power-On Reset
Power-On Reset Requirements
VCC
Ramp-Up
Re-Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VCC_RT
VCC_RT
VCC_FT
VCC_TRR_GND
TCA8418
SCPS215 – SEPTEMBER 2009 ......................................................................................................................................................................................... www.ti.com
At power on, the GPIOs (ROW0–7 and COL0–9) are configured as inputs with internal 100-k
Ω pullups enabled.
However, the system master can enable the GPIOs to function as inputs, outputs or as part of the keypad matrix.
GPIOs not used for keypad control can be used to support other control features in the application.
ROW7–ROW0 are configured as inputs in GPIO mode with a push-pull structure, at power-on. In keyscan mode,
each has an open-drain structure with a 100-k
Ω pullup resistor and is used as an input.
COL9–COL0 are configured as inputs in GPIO mode with a push-pull structure, at power on. In keyscan mode,
each has an open-drain structure and is used as an output.
The system master can reset the TCA8418E in the event of a timeout or other improper operation by asserting a
low in the /RESET input, while keeping the VCC at its operating level.
A reset can be accomplished by holding the RESET pin low for a minimum of tW. The TCA8418E registers and
I2C/SMBus state machine are changed to their default state once RESET is low (0). When RESET is high (1),
the I/O levels at the P port can be changed externally or through the master. This input requires a pull-up resistor
to VCC, if no active connection is used.
The power-on reset puts the registers in their default state and initializes the I2C/SMBus state machine. The
RESET pin causes the same reset/initialization to occur without depowering the part. The RESET pin can also be
used as a shutdown pin, if the phone is closed.
The open-drain interrupt (INT) output is used to indicate to the system master that an input state (GPI or ROWs)
has changed. INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on
this line, the remote input can inform the microcontroller if there is incoming data on its ports without having to
communicate via the I2C bus. Thus, the TCA8418E can remain a simple slave device.
The TCA8418E has key lock capability, which can trigger an interrupt at key presses and releases, if selected
When power (from 0 V) is applied to VCC, an internal power-on reset holds the TCA8418E in a reset condition
until VCC reaches VPOR. At that time, the reset condition is released, and the TCA8418E registers and I
2C/SMBus
state machine initialize to their default states. After that, VCC must be lowered below 0.2 V and back up to the
operating voltage for a power-reset cycle.
In the event of a glitch or data corruption, TCA8418E can be reset to its default conditions by using the power-on
reset feature. Power-on reset requires that the device go through a power cycle to be completely reset. This
reset also happens when the device is powered on for the first time in an application.
The two types of power-on reset are shown in Figure 1 and Figure 2.
Figure 1. VCC is Lowered Below 0.2 V or 0 V and Then Ramped Up to VCC
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TCA8418


Similar Part No. - TCA8418RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8418RTWR TI1-TCA8418RTWR Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
More results

Similar Description - TCA8418RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8418E TI-TCA8418E Datasheet
657Kb / 35P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
TCA8418 TI1-TCA8418_15 Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
logo
Integrated Device Techn...
LDS6023 IDT-LDS6023 Datasheet
344Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6028 IDT-LDS6028 Datasheet
348Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6020 IDT-LDS6020 Datasheet
346Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6025 IDT-LDS6025 Datasheet
346Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
logo
ON Semiconductor
NUF2441FC ONSEMI-NUF2441FC Datasheet
51Kb / 4P
   Integrated Passive Filter with ESD Protection
May, 2005 ??Rev. 4
NUC2401MN ONSEMI-NUC2401MN_10 Datasheet
145Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
January, 2010 ??Rev. 2
NUC2401MN ONSEMI-NUC2401MN Datasheet
175Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com