Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP120RHHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP120RHHT
Description  DisplayPort 1:1 Dual-Mode Repeater
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP120RHHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75DP120RHHT Datasheet HTML 3Page - Texas Instruments SN75DP120RHHT Datasheet HTML 4Page - Texas Instruments SN75DP120RHHT Datasheet HTML 5Page - Texas Instruments SN75DP120RHHT Datasheet HTML 6Page - Texas Instruments SN75DP120RHHT Datasheet HTML 7Page - Texas Instruments SN75DP120RHHT Datasheet HTML 8Page - Texas Instruments SN75DP120RHHT Datasheet HTML 9Page - Texas Instruments SN75DP120RHHT Datasheet HTML 10Page - Texas Instruments SN75DP120RHHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SN75DP120
www.ti.com
SLLSE08 – OCTOBER 2009
Table 2. Transition Between Operational Modes (continued)
MODE TRANSITION
USE CASE
TRANSITION SPECIFICS
Output Disable Mode
DPCD register values correct to a valid register
1. Appropriate mode is re-entered
→ Any State
entry
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
SN75DP120RHHR
DP120
36-pin QFN reel (large)
SN75DP120RHHT
DP120
36-pin QFN reel (small)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNIT
Supply voltage range(2)
VDD
–0.3 V to 4.0 V
Supply voltage range
VCC
–0.3 V to 4.0 V
Main Link I/O (INx, OUTx)
–0.3 V to VCC + 0.3 V
Main Link I/O (INx, OUTx) differential voltage
1.5V
HPD_SINK and CAD_SINK
–0.3 V to 5.5 V
Voltage range
HPD_SRC and CAD_SRC
–0.3 V to VCC + 0.3 V
Auxiliary (AUX_IN)
–0.3 V to 5.5 V
Control pins
–0.3 V to 4.0 V
Human body model(3)
11 kV
Electrostatic discharge
Charged-device model(4)
±1500 V
Machine model(5)
±200 V
Continuous power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-E
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101-D
(5)
Tested in accordance with JEDEC Standard 22, Test Method A115-A
DISSIPATION RATINGS
DERATING FACTOR (1)
TA = 85°C
PACKAGE
PCB JEDEC STANDARD
TA ≤ 25°C
ABOVE TA = 25°C
POWER RATING
Low-K
1250 mW
12.5 mW/°C
500 mW
36-pin QFN (RHH)
High-K
3095 mW
30.95 mW/°C
1238 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN75DP120


Similar Part No. - SN75DP120RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQR TI1-SN75DP122ARTQR Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQT TI1-SN75DP122ARTQT Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122RTQR TI1-SN75DP122RTQR Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results

Similar Description - SN75DP120RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP118 TI-SN75DP118_1 Datasheet
717Kb / 18P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP119 TI1-SN75DP119_14 Datasheet
1Mb / 28P
[Old version datasheet]   DisplayPort 1:1 Signal Repeater and Signal Conditioner
SN75DP119 TI1-SN75DP119 Datasheet
1Mb / 23P
[Old version datasheet]   DisplayPort 1:1 Signal Repeater and Signal Conditioner
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
   1 to 1 DisplayPort ReDriver
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
logo
IOGEAR
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
   DisplayPort 1.4 8K Repeater
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com