Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6472 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472
Description  Digital Signal Processor Silicon Revisions 2.0 1.2 1.1 1.0
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6472 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6472 Datasheet HTML 1Page - Texas Instruments TMS320C6472 Datasheet HTML 2Page - Texas Instruments TMS320C6472 Datasheet HTML 3Page - Texas Instruments TMS320C6472 Datasheet HTML 4Page - Texas Instruments TMS320C6472 Datasheet HTML 5Page - Texas Instruments TMS320C6472 Datasheet HTML 6Page - Texas Instruments TMS320C6472 Datasheet HTML 7Page - Texas Instruments TMS320C6472 Datasheet HTML 8Page - Texas Instruments TMS320C6472 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
Silicon Errata
SPRZ300 – October 2009
TMS320C6472 DSP
Silicon Revisions 2.0, 1.2, 1.1, 1.0
1
Introduction
This document describes the silicon updates to the functional specifications for the TMS320C6472 digital
signal processor; see the device-specific data manual, TMS320C6472 Fixed-Point Digital Signal
Processor (literature number SPRS612).
1.1
Device and Development Support Tool Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
DSP devices and support tools. Each DSP commercial family member has one of three prefixes: TMX,
TMP, or TMS (e.g., TMS320C6472ZTZ). Texas Instruments recommends one of two possible prefix
designators for its support tools: TMDX and TMDS. These prefixes represent evolutionary stages of
product development from engineering prototypes (TMX/TMDX) through fully qualified production
devices/tools (TMS/TMDS).
Device development evolutionary flow:
TMX
Experimental device that is not necessarily representative of the final device's electrical
specifications
TMP
Final silicon die that conforms to the device's electrical specifications but has not
completed quality and reliability verification
TMS
Fully-qualified production device
Support tool development evolutionary flow:
TMDX
Development-support product that has not yet completed Texas Instruments internal
qualification testing
TMDS
Fully-qualified development-support product
TMX and TMP devices and TMDX development-support tools are shipped against the following
disclaimer:
"Developmental product is intended for internal evaluation purposes."
TMS devices and TMDS development-support tools have been characterized fully, and the quality and
reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
5
SPRZ300 – October 2009
TMS320C6472 DSP
Silicon Revisions 2.0, 1.2, 1.1, 1.0
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated


Similar Part No. - TMS320C6472

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6472 TI1-TMS320C6472 Datasheet
1Mb / 269P
[Old version datasheet]   TMS320C6472 Fixed-Point Digital Signal Processor
TMS320C6472ECTZ TI1-TMS320C6472ECTZ Datasheet
1Mb / 269P
[Old version datasheet]   TMS320C6472 Fixed-Point Digital Signal Processor
TMS320C6472ECTZ6 TI1-TMS320C6472ECTZ6 Datasheet
1Mb / 269P
[Old version datasheet]   TMS320C6472 Fixed-Point Digital Signal Processor
TMS320C6472ECTZ7 TI1-TMS320C6472ECTZ7 Datasheet
1Mb / 269P
[Old version datasheet]   TMS320C6472 Fixed-Point Digital Signal Processor
TMS320C6472ECTZA TI1-TMS320C6472ECTZA Datasheet
1Mb / 269P
[Old version datasheet]   TMS320C6472 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C6472

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6487 TI-TMS320TCI6487_1 Datasheet
523Kb / 90P
[Old version datasheet]   Digital Signal Processor Silicon Revisions 1.3, 1.2, 1.1, 1.0
TMS320C6474 TI-TMS320C6474_1 Datasheet
254Kb / 41P
[Old version datasheet]   Digital Signal Processor Silicon Revisions 1.3, 1.2
DRA829J TI-DRA829J_V04 Datasheet
6Mb / 319P
[Old version datasheet]   DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
AUGUST 2021
DRA829J TI-DRA829J_V03 Datasheet
6Mb / 319P
[Old version datasheet]   DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
REVISED AUGUST 2021
DRA829J TI-DRA829J_V01 Datasheet
7Mb / 312P
[Old version datasheet]   DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
DRA829J TI1-DRA829J_V02 Datasheet
6Mb / 319P
[Old version datasheet]   DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
DRA829J TI-DRA829J Datasheet
6Mb / 291P
[Old version datasheet]   DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
TDA4VM-Q1 TI1-TDA4VM-Q1 Datasheet
6Mb / 323P
[Old version datasheet]   TDA4VM Jacinto??Processors for ADAS and Autonomous Vehicles Silicon Revisions 1.0 and 1.1
logo
Filtronic Compound Semi...
ST-260C FILTRONIC-ST-260C Datasheet
325Kb / 1P
   DOCSIS 2.0 Tracer for DOCSIS 1.0, 1.1, and 2.0 Protocol Analysis
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com