Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA362 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA362
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA362 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA362 Datasheet HTML 5Page - Texas Instruments OPA362 Datasheet HTML 6Page - Texas Instruments OPA362 Datasheet HTML 7Page - Texas Instruments OPA362 Datasheet HTML 8Page - Texas Instruments OPA362 Datasheet HTML 9Page - Texas Instruments OPA362 Datasheet HTML 10Page - Texas Instruments OPA362 Datasheet HTML 11Page - Texas Instruments OPA362 Datasheet HTML 12Page - Texas Instruments OPA362 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
12.5pF
1kW
4.22kW
1838W
2.5kW
V
O
OPA362
(
)
3.6pF
872W
75W
75W
Television
OPA362
www.ti.com ........................................................................................................................................................................................ SBOS480 – SEPTEMBER 2009
Operating Voltage
Enable pin enables the op amp. The logic levels are
compatible with 1.8V CMOS logic levels. A valid logic
The OPA362 is fully specified from 2.5V to 3.3V over
high is defined as greater than 1.3V above GND. A
a temperature range of –40°C to +125°C. Parameters
valid logic low is defined as less than 0.5V above
that vary significantly with operating voltages or
GND. If the Enable pin is not connected, internal
temperature are shown in the Typical Characteristics.
pull-up circuitry enables the amplifier.
Power-supply pins should be bypassed with 100nF
ceramic capacitors.
When disabling the OPA362, internal circuitry also
disconnects the internal gain setting feedback. This
feature supports the TV-detection function; see the
Input Voltage
TV-Detect
Function
section
for
more
detailed
The input common-mode range of the OPA362 series
information.
extends from GND to 0.55V on a 3.3V supply. The
input range is limited by the internal gain in
Internal Two-Pole Filter
conjunction with the maximum output swing capability
and the power-supply voltage.
The OPA362 filter is a Sallen-Key topology with an
8.5MHz cutoff frequency. Figure 19 shows a detailed
drawing of the filter components. This filter allows
Input Overvoltage Protection
video signals to pass without any visible distortion, as
All OPA362 pins are static-protected with internal
shown in Figure 20 through Figure 23. The video
ESD protection diodes connected to the supplies.
encoder embedded in the OMAP343x processor
These diodes provide input overdrive protection if the
typically samples at 54MHz. At this frequency, the
current is externally limited to 10mA.
attenuation
is
typically
23dB,
which
effectively
attenuates the sampling aliases.
Enable/Shutdown
The internal 872
Ω resistor on the input to GND
The OPA362 has a shutdown feature that disables
converts the output current of the OMAP3430 internal
the output and reduces the quiescent current to less
video DAC into a voltage. It is also part of the
than 1.5
μA. This feature is especially useful for
Sallen-Key filter. Using an external resistor to adjust
portable video applications, where the device is
the input voltage range also changes the filter
infrequently connected to a television (TV) or other
characteristics.
video device.
The Enable logic input voltage is referenced to the
OPA362 GND pin. A logic level high applied to the
Figure 19. OPA362 Filter Structure
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA362


Similar Part No. - OPA362

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
logo
Burr-Brown (TI)
OPA360AIDCKR BURR-BROWN-OPA360AIDCKR Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA360AIDCKR TI1-OPA360AIDCKR Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
OPA360AIDCKRE4 TI1-OPA360AIDCKRE4 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
More results

Similar Description - OPA362

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA361-Q1 TI1-OPA361-Q1 Datasheet
533Kb / 18P
[Old version datasheet]   3V Video Amplifier with Internal Gain and Filter in SC70
OPA361AIDCKR TI-OPA361AIDCKR Datasheet
618Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKTG4 TI-OPA361AIDCKTG4 Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680_10 Datasheet
1Mb / 9P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
logo
Texas Instruments
OPA361AIDCKT TI-OPA361AIDCKT Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
logo
Maxim Integrated Produc...
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
   Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
MAX9519 MAXIM-MAX9519 Datasheet
332Kb / 9P
   1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 4V/V Gain
19-4231; Rev 0; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com