Part Name
         Description
MSP430F4617IPZ

 MIXED SIGNAL MICROCONTROLLER ( 92 Page)


TI
100% 
Zoom Out Zoom In
 38 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
38
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
LCD_A
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(LCD)
Supply voltage (see Note 2)
Charge pump enabled
(LCDCPEN = 1; VLCDx > 0000)
2.2
3.6
V
ICC(LCD)
Supply current (see Note 2 )
VLCD(typ)=3 V; LCDCPEN = 1,
VLCDx= 1000; all segments on,
fLCD = fACLK/32,
no LCD connected (see Note 4)
TA = 25°C
2.2 V
3
µA
CLCD
Capacitor on LCDCAP
(see Note 1 and Note 3)
Charge pump enabled
(LCDCPEN = 1; VLCDx > 0000)
4.7
µF
fLCD
LCD frequency
1.1
kHz
VLCDx = 0000
VCC
VLCDx = 0001
2.60
VLCDx = 0010
2.66
VLCDx = 0011
2.72
VLCDx = 0100
2.78
VLCDx = 0101
2.84
VLCDx = 0110
2.90
V
LCD voltage (see Note 3)
VLCDx = 0111
2.96
V
VLCD
LCD voltage (see Note 3)
VLCDx = 1000
3.02
V
VLCDx = 1001
3.08
VLCDx = 1010
3.14
VLCDx = 1011
3.20
VLCDx = 1100
3.26
VLCDx = 1101
3.32
VLCDx = 1110
3.38
VLCDx = 1111
3.44
3.60
RLCD
LCD driver output impedance
VLCD=3 V; CPEN = 1;
VLCDx = 1000, ILOAD =  10 µΑ
2.2 V
10
k
NOTES:
1. Enabling the internal charge pump with an external capacitor smaller than the minimum specified might damage the device.
2. Refer to the supply current specifications I(LPM3) for additional current specifications with the LCD_A module active.
3. Segments S0 through S3 are disabled when the LCD charge pump feature is enabled (LCDCPEN = 1) and cannot be used together
with the LCD charge pump. In addition, when using segments S0 through S3 with an external LCD voltage supply, VLCD ≤ AVCC.
4. Connecting an actual display will increase the current consumption depending on the size of the LCD.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl