Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8234 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8234
Description  Quad 14-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8234 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8234 Datasheet HTML 4Page - Texas Instruments DAC8234 Datasheet HTML 5Page - Texas Instruments DAC8234 Datasheet HTML 6Page - Texas Instruments DAC8234 Datasheet HTML 7Page - Texas Instruments DAC8234 Datasheet HTML 8Page - Texas Instruments DAC8234 Datasheet HTML 9Page - Texas Instruments DAC8234 Datasheet HTML 10Page - Texas Instruments DAC8234 Datasheet HTML 11Page - Texas Instruments DAC8234 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
DAC8234
SBAS464A – AUGUST 2009 – REVISED SEPTEMBER 2009 ........................................................................................................................................... www.ti.com
PIN DESCRIPTIONS (continued)
PIN NO.
PIN
NAME
QFN-40
TQFP-48
I/O
DESCRIPTION
RFB2-0
(1)
14
16
O
DAC-0 RFB2 feedback
RFB1-0
(1)
15
17
O
DAC-0 RFB1 feedback
SGND-0
16
18
I
DAC-0 signal ground. Connected to REFGND-A.
SGND-1
17
20
I
DAC-1 signal ground. Connected to REFGND-A.
RFB1-1
(1)
18
21
O
DAC-1 RFB1 feedback
RFB2-1
(1)
19
22
O
DAC-1 RFB2 feedback
VOUT-1
20
23
O
DAC-1 output
AVDD
21, 30
26, 35
I
Positive analog power supply
AGND
22
27
I
Analog ground
AVSS
23, 28
28, 33
I
Negative analog power supply
REFGND-A
24
29
I
Reference REF-A ground. Connect to AGND.
REF-A
25
30
I
Group A (DAC-0, DAC-1) reference input
REF-B
26
31
I
Group B (DAC-2, DAC-3) reference input
REFGND-B
27
32
I
Reference REF-B ground. Connect to AGND.
Analog monitor output. This pin is either in Hi-Z status, or connected to one of the four DAC outputs
VMON
29
34
O
or AIN, depending on the content of the Monitor Register.
VOUT-3
31
38
O
DAC-3 output
RFB2-3
(1)
32
39
O
DAC-3 RFB2 feedback
RFB1-3
(1)
33
40
O
DAC-3 RFB1 feedback
SGND-3
34
41
I
DAC-3 signal ground. Connected to REFGND-B.
SGND-2
35
43
I
DAC-2 signal ground. Connected to REFGND-B.
RFB1-2
(1)
36
44
O
DAC-2 RFB1 feedback
RFB2-2
(1)
37
45
O
DAC-2 RFB2 feedback
VOUT-2
38
46
O
DAC-2 output
AIN
39
47
I
Auxiliary analog input. Connected to the analog monitor mux.
Output mode selection of group B (DAC-2 and DAC-3). When UNI/BIP-A is tied to IOVDD, group B
is in unipolar output mode; when tied to DGND, group B is in bipolar output mode.
UNI/BIP-B
40
48
I
The input data written to the DAC are straight binary for unipolar output mode, and twos
complement for bipolar output mode.
1, 12, 19,
NC
24, 25, 36,
Not connected
37, 42
(1)
To set the DAC-x gain = 2, connect RFB1-x and RFB2-x to VOUT-x, and set the corresponding GAIN bit in the Command Register to '0'.
To set the DAC-x gain = 4, connect RFB1-x to VOUT-x, keep RFB2-x open, and set the corresponding GAIN bit in the Command Register
to '1'. After power-on reset or user reset, the GAIN bits are set to '1' by default; for gain = 2, the gain bits must be cleared to '0'.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8234


Similar Part No. - DAC8234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
DAC82001 TI-DAC82001 Datasheet
1Mb / 30P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82001DRXR TI-DAC82001DRXR Datasheet
1Mb / 30P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82001 TI-DAC82001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82002 TI-DAC82002 Datasheet
1Mb / 22P
[Old version datasheet]   DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
AUGUST 2022
More results

Similar Description - DAC8234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734_091 TI-DAC8734_091 Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7716 TI-DAC7716 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com