Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8558 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8558
Description  16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8558 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8558 Datasheet HTML 1Page - Texas Instruments ADS8558 Datasheet HTML 2Page - Texas Instruments ADS8558 Datasheet HTML 3Page - Texas Instruments ADS8558 Datasheet HTML 4Page - Texas Instruments ADS8558 Datasheet HTML 5Page - Texas Instruments ADS8558 Datasheet HTML 6Page - Texas Instruments ADS8558 Datasheet HTML 7Page - Texas Instruments ADS8558 Datasheet HTML 8Page - Texas Instruments ADS8558 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
(1)
THERMAL CHARACTERISTICS
ADS8556
ADS8557
ADS8558
www.ti.com ............................................................................................................................................... SBAS404A – OCTOBER 2006 – REVISED AUGUST 2009
MIN
TYP
MAX
UNIT
Supply voltage, AVDD to AGND
4.5
5
5.5
V
Low-voltage levels
2.7
3.0
3.6
V
Supply voltage, BVDD to BGND
5V logic levels
4.5
5
5.5
V
Range 1 (±2 × VREF)
2 × VREF
16.5
V
Input supply voltage, HVDD to AGND
Range 2 (±4 × VREF)
4 × VREF
16.5
V
Range 1 (±2 × VREF)
–16.5
–2 × VREF
V
Input supply voltage, HVSS to AGND
Range 2 (±4 × VREF)
–16.5
–4 × VREF
V
Reference input voltage (VREF)
0.5
2.5
3.0
V
Range 1 (±2 × VREF)
–2 × VREF
+2 × VREF
V
Analog inputs
(also see the Analog Inputs section)
Range 1 (±4 × VREF)
–4 × VREF
+4 × VREF
V
Operating ambient temperature range, TA
–40
+125
°C
DERATING FACTOR
TA ≤ +25°C
TA = +70°C
TA = +85°C
TA = +125°C
PACKAGE
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
POWER RATING
LQFP-64
20.8mW/°C
2.60W
1.66W
1.35W
0.52W
(1)
Based on High-K
θ
JA.
Over recommended operating conditions, unless otherwise noted.
ADS8556, ADS8557, ADS8558
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K thermal resistance(1)
74
°C/W
θ
JA
Junction-to-air thermal resistance
High-K thermal resistance(1)
48
°C/W
Junction-to-case thermal
θ
JC
16
°C/W
resistance
ADS8556, HVDD = +15V, HVSS = –15V, AVDD = 5V,
251.7
298.5
mW
BVDD = 3V, and fDATA = maximum
ADS8557, HVDD = +15V, HVSS = –15V, AVDD = 5V,
PD
Device power dissipation
253.2
303.0
mW
BVDD = 3V, and fDATA = maximum
ADS8558, HVDD = +15V, HVSS = –15V, AVDD = 5V,
262.2
318.0
mW
BVDD = 3V, and fDATA = maximum
(1)
Modeled in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3.
Copyright © 2006–2009, Texas Instruments Incorporated
3
Product Folder Link(s): ADS8556 ADS8557 ADS8558


Similar Part No. - ADS8558

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8558IPM TI1-ADS8558IPM Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8558IPMR TI1-ADS8558IPMR Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
More results

Similar Description - ADS8558

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com