Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2609DSTRPbF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS2609DSTRPbF
Description  HALF-BRIDGE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2609DSTRPbF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS2609DSTRPbF Datasheet HTML 3Page - International Rectifier IRS2609DSTRPbF Datasheet HTML 4Page - International Rectifier IRS2609DSTRPbF Datasheet HTML 5Page - International Rectifier IRS2609DSTRPbF Datasheet HTML 6Page - International Rectifier IRS2609DSTRPbF Datasheet HTML 7Page - International Rectifier IRS2609DSTRPbF Datasheet HTML 8Page - International Rectifier IRS2609DSTRPbF Datasheet HTML 9Page - International Rectifier IRS2609DSTRPbF Datasheet HTML 10Page - International Rectifier IRS2609DSTRPbF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.irf.com
7
IRS2609DSPbF
Switching and Timing Relationships
The relationships between the input and output signals of the IRS2609D are illustrated below in Figures 3, 4. From these figures, we
can see the definitions of several timing parameters (i.e. tON, tOFF, tR, and tF) associated with this device.
Figure 3: Switching time waveforms
Figure 4: Input/output timing diagram
Deadtime
This family of HVICs features integrated deadtime protection circuitry. The deadtime for these ICs is fixed; other ICs within IR’s HVIC
portfolio feature programmable deadtime for greater design flexibility. The deadtime feature inserts a time period (a minimum
deadtime) in which both the high- and low-side power switches are held off; this is done to ensure that the power switch being turned
off has fully turned off before the second power switch is turned on. This minimum deadtime is automatically inserter whenever the
external deadtime is shorter than DT; external deadtimes larger than DT are not modified by the gate driver. Figure 5 illustrates the
deadtime period and the relationship between the output gate signals.
The deadtime circuitry of the IRS2609D is matched with respect to the high- and low-side outputs. Figure 6 defines the two deadtime
parameters (i.e., DTLO-HO and DTHO-LO); the deadtime matching parameter (MDT) associated with the IRS2609D specifies the
maximum difference between DTLO-HO and DTHO-LO.
Matched Propagation Delays
The IRS2609D family of HVICs is designed with propagation delay matching circuitry. With this feature, the IC’s response at the
output to a signal at the input requires approximately the same time duration (i.e., tON, tOFF) for both the low-side channels and the
high-side channels; the maximum difference is specified by the delay matching parameter (MT). The propagation turn-on delay (tON)
of the IRS2609D is matched to the propagation turn-on delay (tOFF).


Similar Part No. - IRS2609DSTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2609DSPBF IRF-IRS2609DSPBF Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF Datasheet
820Kb / 25P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_15 Datasheet
820Kb / 25P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2609DSTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com