Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17020 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX17020
Description  Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17020 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX17020 Datasheet HTML 2Page - Maxim Integrated Products MAX17020 Datasheet HTML 3Page - Maxim Integrated Products MAX17020 Datasheet HTML 4Page - Maxim Integrated Products MAX17020 Datasheet HTML 5Page - Maxim Integrated Products MAX17020 Datasheet HTML 6Page - Maxim Integrated Products MAX17020 Datasheet HTML 7Page - Maxim Integrated Products MAX17020 Datasheet HTML 8Page - Maxim Integrated Products MAX17020 Datasheet HTML 9Page - Maxim Integrated Products MAX17020 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Dual Quick-PWM Step-Down Controller
with Low-Power LDO, RTC Regulator
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, no load on LDO, RTC, OUT1, OUT2, and REF, VIN = 12V, VDD = VCC = VSECFB = 5V, VREFIN2 = 1.0V, BYP =
LDOREFIN = GND, ONLDO = IN, ON1 = ON2 = VCC, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GATE DRIVERS
DH_ Gate Driver On-Resistance
RDH
BST1 - LX1 and BST2 - LX2 forced to 5V
1.5
3.5
DL1, DL2; high state
2.2
4.5
DL_ Gate Driver On-Resistance
RDL
DL1, DL2; low state
0.6
1.5
DH_ Gate Driver Source/Sink
Current
IDH
DH1, DH2 forced to 2.5V,
BST1 - LX1 and BST2 - LX2 forced to 5V
2
A
DL_ Gate Driver Source Current
IDL
(SOURCE)
DL1, DL2 forced to 2.5V
1.7
A
DL_ Gate Driver Sink Current
IDL (SINK)
DL1, DL2 forced to 2.5V
3.3
A
Internal BST_ Switch
On-Resistance
RBST
IBST_ = 10mA, VDD = 5V
5
BST_ Leakage Current
IBST
VBST_ = 26V, TA = +25°C,
OUT2 and FB1 above regulation threshold
0.1
5
µA
INPUTS AND OUTPUTS
High
VCC -
0.4V
REF or open
1.6
3.0
TON Input Logic Levels
Low
0.4
V
High (forced-PWM)
VCC -
0.4V
Open (ultrasonic)
1.6
3.0
SKIP Input Logic Levels
Low (skip)
0.4
V
SKIP, TON Leakage Current
ISKIP, ITON VSKIP = VTON = 0 or 5V, TA = +25°C
-2
+2
µA
High (SMPS on)
2.4
ON_ Input Logic Levels
68mV hysteresis
Low (SMPS off)
0.8
V
ON_ Leakage Current
ION_
VON1 = VON2 = 0 or 5V, TA = +25°C
-2
+2
µA
High (SMPS on)
2.4
ONLDO Input Logic Levels
68mV hysteresis
Low (SMPS off)
0.8
V
ONLDO Leakage Current
IONLDO
VONLDO = 0 or 24V, TA = +25°C
-1
+1
µA


Similar Part No. - MAX17020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021EVKIT++ MAXIM-MAX17021EVKIT+ Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021GTL++ MAXIM-MAX17021GTL+ Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
More results

Similar Description - MAX17020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17101 MAXIM-MAX17101 Datasheet
648Kb / 31P
   Dual Quick-PWM, Step-Down Controller with Low-Power LDO, RTC Regulator
Rev 1; 2/09
MAX17031 MAXIM-MAX17031 Datasheet
576Kb / 24P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
logo
Maxim Integrated Produc...
MAX17016 MAXIM-MAX17016 Datasheet
1Mb / 27P
   Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
19-2771; Rev 1; 4/17
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
logo
Microchip Technology
TC120 MICROCHIP-TC120 Datasheet
436Kb / 14P
   PWM/PFM Step-Down Combination Regulator/Controller
05/01/02
TC120 MICROCHIP-TC120_13 Datasheet
215Kb / 16P
   PWM/PFM Step-Down Combination Regulator/Controller
2001-2012 10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com