Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9934TAUA+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9934TAUA+T
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9934TAUA+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9934TAUA+T Datasheet HTML 1Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 2Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 3Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 4Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 5Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 6Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX9934TAUA+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
0.1% final value, Figure 1, MAX9934T
670
Output Settling Time
tS
0.1% final value, Figure 1, MAX9934F
220
µs
Output to 0.1% final value, Figure 2,
MAX9934T
150
Output Select Time
tZH
Output to 0.1% final value, Figure 2,
MAX9934F
80
µs
Output Deselect Time
tHZ
Output step of 100mV, CL = 10pF,
Figure 2
2µs
Power-Down Time
tPD
Output step of -100mV, CL = 10pF,
VCC > 2.5V
2µs
0.1% final value, Figure 3, MAX9934T
300
Power-Up Time
tPU
0.1% final value, Figure 3, MAX9934F
200
µs
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.3V, VRS+ = VRS- = 3.0V, VSENSE = 0, VCM = (VRS+ + VRS-)/2, VCS = 3.3V, ROUT = 10kΩ to GND for unidirectional operation,
ROUT = 10kΩ to VCC/2 for bidirectional operation. TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
Note 2: All devices are 100% production tested at TA = +25°C. Unless otherwise noted, specifications overtemperature are guaran-
teed by design.
Note 3: Guaranteed by design. Thermocouple, contact resistance, RS- input-bias current, and leakage effects preclude measure-
ment of this parameter during production testing. Devices are screened during production testing to eliminate defective
units.
Note 4: Gain error tested in unidirectional mode: 0.2V
≤ VOUT ≤ 3.1V for the MAX9934T; 0.25V ≤ VOUT ≤ 2.5V for the MAX9934F.


Similar Part No. - MAX9934TAUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9934TAUA+T MAXIM-MAX9934TAUA+T Datasheet
861Kb / 19P
   High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
More results

Similar Description - MAX9934TAUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9934 MAXIM-MAX9934_V01 Datasheet
861Kb / 19P
   High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
INA180 TI1-INA180 Datasheet
1Mb / 30P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
INA180 TI1-INA180_17 Datasheet
1Mb / 32P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Semtech Corporation
SC310 SEMTECH-SC310 Datasheet
850Kb / 12P
   High-Side Current-Sense Amplifier with Low Impedance Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com