Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBD301 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MBD301
Description  30 VOLTS SILICON HOT.CARRIER DETECTOR AND SWITCHING DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBD301 Datasheet(HTML) 4 Page - Motorola, Inc

  MBD301 Datasheet HTML 1Page - Motorola, Inc MBD301 Datasheet HTML 2Page - Motorola, Inc MBD301 Datasheet HTML 3Page - Motorola, Inc MBD301 Datasheet HTML 4Page - Motorola, Inc MBD301 Datasheet HTML 5Page - Motorola, Inc MBD301 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBD301 MMBD301LT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND ZONE R IS
UNCONTROLLED.
4. DIMENSION F APPLIES BETWEEN P AND L.
DIMENSIONS D AND J APPLY BETWEEN L AND K
MINIMUM. LEAD DIMENSION IS
UNCONTROLLED IN P AND BEYOND DIM K
MINIMUM.
STYLE 1:
PIN 1. ANODE
2. CATHODE
CASE 182–02
ISSUE H
(TO–226AC)
A
L
K
B
R
F
P
D
H
G
X X
SEATING
PLANE
1
2
V
N
C
N
SECTION X–X
D
J
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.45
5.21
B
0.170
0.210
4.32
5.33
C
0.125
0.165
3.18
4.49
D
0.016
0.022
0.41
0.56
F
0.016
0.019
0.407
0.482
G
0.050 BSC
1.27 BSC
H
0.100 BSC
3.54 BSC
J
0.014
0.016
0.36
0.41
K
0.500
–––
12.70
–––
L
0.250
–––
6.35
–––
N
0.080
0.105
2.03
2.66
P
–––
0.050
–––
1.27
R
0.115
–––
2.93
–––
V
0.135
–––
3.43
–––
D
J
K
L
A
C
B S
H
G
V
3
1
2
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.1102
0.1197
2.80
3.04
INCHES
B
0.0472
0.0551
1.20
1.40
C
0.0350
0.0440
0.89
1.11
D
0.0150
0.0200
0.37
0.50
G
0.0701
0.0807
1.78
2.04
H
0.0005
0.0040
0.013
0.100
J
0.0034
0.0070
0.085
0.177
K
0.0180
0.0236
0.45
0.60
L
0.0350
0.0401
0.89
1.02
S
0.0830
0.0984
2.10
2.50
V
0.0177
0.0236
0.45
0.60
CASE 318–08
ISSUE AE
SOT–23 (TO–236AB)
STYLE 8:
PIN 1. ANODE
2. NO CONNECTION
3. CATHODE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE
MATERIAL.


Similar Part No. - MBD301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD301 ONSEMI-MBD301 Datasheet
90Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
logo
Leshan Radio Company
MBD301 LRC-MBD301 Datasheet
54Kb / 2P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD301 ONSEMI-MBD301 Datasheet
65Kb / 5P
   Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MBD301G ONSEMI-MBD301G Datasheet
65Kb / 5P
   Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
   Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
More results

Similar Description - MBD301

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBD54DWT1 MOTOROLA-MBD54DWT1 Datasheet
85Kb / 4P
   30 VOLTS DUAL HOT.CARRIER DETECTOR AND SWITCHING DIODES
MBD701 MOTOROLA-MBD701 Datasheet
128Kb / 6P
   70 VOLTS HIGH.VOLTAGE SILICON HOT.CARRIER DETECTOR AND SWITCHING DIODES
BAT54LT1 MOTOROLA-BAT54LT1 Datasheet
77Kb / 4P
   30 VOLTS SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
BAT54ALT1 MOTOROLA-BAT54ALT1 Datasheet
78Kb / 4P
   30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
BAT54SLT1 MOTOROLA-BAT54SLT1 Datasheet
80Kb / 4P
   30 VOLTS DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
BAT54WT1 MOTOROLA-BAT54WT1 Datasheet
78Kb / 4P
   30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
logo
ON Semiconductor
BAT54T1 ONSEMI-BAT54T1_05 Datasheet
54Kb / 4P
   30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
October, 2005 ??Rev. 8
MBD301 ONSEMI-MBD301 Datasheet
90Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MBD701 ONSEMI-MBD701 Datasheet
89Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MMBD452LT1 ONSEMI-MMBD452LT1 Datasheet
96Kb / 4P
   DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
November, 2001 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com