Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9877AERP+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9877AERP+T
Description  Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9877AERP+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9877AERP+T Datasheet HTML 1Page - Maxim Integrated Products MAX9877AERP+T Datasheet HTML 2Page - Maxim Integrated Products MAX9877AERP+T Datasheet HTML 3Page - Maxim Integrated Products MAX9877AERP+T Datasheet HTML 4Page - Maxim Integrated Products MAX9877AERP+T Datasheet HTML 5Page - Maxim Integrated Products MAX9877AERP+T Datasheet HTML 6Page - Maxim Integrated Products MAX9877AERP+T Datasheet HTML 7Page - Maxim Integrated Products MAX9877AERP+T Datasheet HTML 8Page - Maxim Integrated Products MAX9877AERP+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Low RF Susceptibility, Mono Audio
Subsystem with DirectDrive Headphone Amplifier
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD = 3.7V, VGND = VPGND = 0V. Single-ended inputs, preamp gain = 0dB, volume controls = 0dB, OSC = 00, BYPASS = 0,
SHDN = 1. Speaker loads (ZSPK) connected between OUT+ and OUT-. Headphone loads (RHP) connected from HPL or HPR to GND.
SDA and SCL pullup voltage = 3.3V. ZSPK = ∞, RHP = ∞. C1 = C2 = CBIAS = 1µF. TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Spread-spectrum modulation mode,
OSC = 00
1176
±60
Fixed-frequency mode, OSC = 01
1100
Output Frequency
Fixed-frequency mode, OSC = 10
700
kHz
Current Limit
1.5
A
Efficiency
η
POUT = 600mW, f = 1kHz
87
%
Speaker Gain
AV
11.5
12.0
12.5
dB
Output Noise
A-weighted, OUTMODE = 1,
∆IN_ = 0
(Note 4)
63
µVRMS
HEADPHONE AMPLIFIERS (OUTMODE = 2)
TA = +25°C (volume at mute)
±0.15
±0.6
Output Offset Voltage
VOS
TA = +25°C (volume at 0dB)
±1.6
mV
Into shutdown
-80
Click-and-Pop Level
KCP
Peak voltage, TA =
+25°C, A-weighted,
32 samples per
second. volume at
mute (Note 4)
Out of shutdown
-80
dBV
PVDD = VDD = 2.7V
to 5.25V
70
85
f = 217Hz,
VRIPPLE = 100mVP-P
84
f = 1kHz,
VRIPPLE = 100mVP-P
80
Power-Supply Rejection Ratio
(Note 4)
PSRR
TA = +25°C, PVDD =
VDD
f = 20kHz,
VRIPPLE = 100mVP-P
62
dB
RHP = 16
53
Output Power
POUT
THD+N ≤ 1%
RHP = 32
27
mW
Headphone Gain
AV
-0.4
0
+0.4
dB
Channel-to-Channel Gain
Tracking
TA = +25°C, HPL to HPR, volume at 0dB,
OUTMODE = 2, 5;
∆IN_ = 0
±0.3
±2.5
%
RHP = 32
Ω (POUT = 10mW, f = 1kHz)
0.016
Total Harmonic Distortion Plus
Noise
THD+N
RHP = 16
Ω (POUT = 10mW, f = 1kHz),
TA = +25°C
0.03
%
∆IN_ = 0
(single-ended)
98
A-weighted,
OUTMODE = 2, 3,
5, 6; RHP = 16Ω
∆IN_ = 1 (differential)
98
∆IN_ = 0
(single-ended)
96
Signal-to-Noise Ratio
SNR
A-weighted, RHP =
16Ω, OUTMODE =
8, 9
∆IN_ = 1 (differential)
96
dB


Similar Part No. - MAX9877AERP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9877 MAXIM-MAX9877 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
MAX9877EWP+TG45 MAXIM-MAX9877EWP+TG45 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
More results

Similar Description - MAX9877AERP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9877 MAXIM-MAX9877 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
MAX9875 MAXIM-MAX9875 Datasheet
544Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
   Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com