Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8649 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8649
Description  1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8649 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8649 Datasheet HTML 1Page - Maxim Integrated Products MAX8649 Datasheet HTML 2Page - Maxim Integrated Products MAX8649 Datasheet HTML 3Page - Maxim Integrated Products MAX8649 Datasheet HTML 4Page - Maxim Integrated Products MAX8649 Datasheet HTML 5Page - Maxim Integrated Products MAX8649 Datasheet HTML 6Page - Maxim Integrated Products MAX8649 Datasheet HTML 7Page - Maxim Integrated Products MAX8649 Datasheet HTML 8Page - Maxim Integrated Products MAX8649 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1.8A Step-Down Regulator with Differential
Remote Sense in 2mm x 2mm WLP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN1 = VIN2 = 3.6V, VAGND = VPGND = 0V, VDD = 1.8V, TA= -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN1, IN2 to AGND ..................................................-0.3V to +6.0V
VDD to AGND.........................................................-0.3V to +4.0V
LX, SNS+, VID0, VID1, EN to AGND..........-0.3V to (VIN1 + 0.3V)
SCL, SDA, SYNC to AGND.........................-0.3V to (VDD + 0.3V)
PGND, SNS- to AGND...........................................-0.3V to +0.3V
RMS LX Current ..............................................................1800mA
Continuous Power Dissipation (TA = +70°C)
16-Bump WLP 0.5mm Pitch
(derate 13mW/°C above +70°C) ............................1040mW
Operating Temperature Range ...........................-40°C to +85°C
Junction to Ambient Thermal Resistance (
θJA) (Note 1)..76°C/W
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering, reflow) ............................+260°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN1, IN2 Operating Range
2.5
5.5
V
VDD Operating Range
1.8
3.6
V
VDD Undervoltage Lockout
(UVLO) Threshold
VDD falling
0.54
0.865
1.35
V
VDD UVLO Hysteresis
50
mV
IN_ Undervoltage Lockout
(UVLO) Threshold
VIN falling
2.10
2.15
2.20
V
IN_ UVLO Hysteresis
70
mV
TA = +25°C
0.01
1
VDD Shutdown Supply Current
VIN1 = VIN2 = 5.5V,
EN = VDD = AGND
TA = +85°C
0.01
µA
TA = +25°C
0.25
1
IN1, IN2 Shutdown Supply
Current
VIN1 = VIN2 = 5.5V,
EN = VDD = AGND
TA = +85°C
0.25
µA
TA = +25°C
0.35
1
IN1, IN2 Standby Supply Current
VIN1 = VIN2 = 5.5V, SCL = SDA =
VDD, EN = AGND, I
2C ready
TA = +85°C
0.35
µA
TA = +25°C
0.02
1
VDD Standby Supply Current
VIN1 = VIN2 = VDD = 3.6V,
SCL = SDA = VDD, EN = AGND,
I
2C ready
TA = +85°C
0.02
µA
LOGIC INTERFACE
EN, VID0, VID1
1.4
Logic Input High Voltage (VIH)
VIN1 = VIN2 = 2.5V to 5.5V,
VDD = 1.8V to 3.6V
SYNC, SCL, SDA
0.7 x VDD
V
EN, VID0, VID1
0.4
Logic Input Low Voltage (VIL)
VIN1 = VIN2 = 2.5V to 5.5V,
VDD = 1.8V to 3.6V
SYNC, SCL, SDA
0.3 x VDD
V
TA = +25°C
-1
0.01
+1
SDA, SCL, SYNC Logic Input
Current
VIL = 0V or VIH = 3.6V,
EN = AGND
TA = +85°C
0.01
µA
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.


Similar Part No. - MAX8649

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8649 MAXIM-MAX8649 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8649AEWE MAXIM-MAX8649AEWE Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8649AEWET MAXIM-MAX8649AEWET Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8649EWE MAXIM-MAX8649EWE Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
More results

Similar Description - MAX8649

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
logo
Monolithic Power System...
EV2360DG-00B MPS-EV2360DG-00B Datasheet
156Kb / 4P
   1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
logo
Maxim Integrated Produc...
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX15040 MAXIM-MAX15040 Datasheet
323Kb / 15P
   High-Efficiency, 4A, Step-Down Regulator with Integrated Switches in 2mm x 2mm Package
19-4426; Rev 2; 7/10
logo
Analog Devices
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
   5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com