Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4885AEETI+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4885AEETI+
Description  High-Bandwidth, VGA 2:1 Switch with ±15kV ESD Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4885AEETI+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4885AEETI+ Datasheet HTML 2Page - Maxim Integrated Products MAX4885AEETI+ Datasheet HTML 3Page - Maxim Integrated Products MAX4885AEETI+ Datasheet HTML 4Page - Maxim Integrated Products MAX4885AEETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX4885AEETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX4885AEETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX4885AEETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX4885AEETI+ Datasheet HTML 9Page - Maxim Integrated Products MAX4885AEETI+ Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
High-Bandwidth, VGA 2:1 Switch
with ±15kV ESD Protection
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied.
Maxim reserves the right to change the circuitry and specifications without notice at any time.
10
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
©
2009 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Human Body Model
Figure 4 shows the HBM, and Figure 5 shows the cur-
rent waveform it generates when discharged into a low-
impedance state. This model consists of a 100pF capac-
itor charged to the ESD voltage of interest, which is then
discharged into the device through a 1.5kI resistor.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report, test setup, meth-
odology, and results.
Applications Information
The MAX4885AE provides the switching and level-
shifting necessary to drive a standard VGA port from
either an internal graphics controller or an add-in module
(MXM or GPU—see Typical Applications Circuit). The
R_, G_, and B_ signals are switched through the three
low-capacitance SPDT switches. Internal buffers drive
the HSYNC and VSYNC signals to VGA standard 5V-TTL
levels. The DDC multiplexer provides level-shifting.
Connect VL to +3.3V for normal operation, or to VCC to
disable level-shifting for DDC signals as for KVM appli-
cation.
Power-Supply Decoupling
Bypass each VCC pin and VL pin to ground with a 1FF
or larger ceramic capacitor as close as possible to the
device.
PCB Layout
High-speed switches such as the MAX4885AE requires
proper PCB layout for optimum performance. Ensure that
impedance-controlled PCB traces for high-speed signals
are matched in length and as short as possible. Connect
the exposed pad to ground or leave unconnected.
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land pat-
terns, go to www.maxim-ic.com/packages. Note that
a “+”, “#”, or “-” in the package code indicates RoHS
status only. Package drawings may show a different suf-
fix character, but the drawing pertains to the package
regardless of RoHS status.
Figure 4. Human Body ESD Test Model
Figure 5. Human Body Model Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
CS
100pF
RC
1MΩ
RD
1.5kΩ
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
28 TQFN-EP
T2844+1
21-0139


Similar Part No. - MAX4885AEETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4885 MAXIM-MAX4885 Datasheet
367Kb / 13P
   Complete VGA 1:2 or 2:1 Multiplexer
Rev 0; 5/06
MAX4885E MAXIM-MAX4885E Datasheet
109Kb / 10P
   Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD
Rev 0; 10/08
MAX4885EETG++ MAXIM-MAX4885EETG+ Datasheet
109Kb / 10P
   Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD
Rev 0; 10/08
MAX4885EEVKIT MAXIM-MAX4885EEVKIT Datasheet
190Kb / 8P
   VGA Connections and Power
Rev 0; 1/09
MAX4885EEVKIT++ MAXIM-MAX4885EEVKIT+ Datasheet
190Kb / 8P
   VGA Connections and Power
Rev 0; 1/09
More results

Similar Description - MAX4885AEETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4885E MAXIM-MAX4885E Datasheet
109Kb / 10P
   Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD
Rev 0; 10/08
MAX14979E MAXIM-MAX14979E_11 Datasheet
1Mb / 10P
   High-Bandwidth, ±15kV ESD Protection LVDS Switch -3dB Bandwidth: 650MHz
Rev 1; 6/11
MAX14979E MAXIM-MAX14979E Datasheet
1Mb / 10P
   High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
logo
Texas Instruments
TMUX154E TI1-TMUX154E Datasheet
1Mb / 26P
[Old version datasheet]   ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
logo
Maxim Integrated Produc...
MAX16054 MAXIM-MAX16054 Datasheet
113Kb / 9P
   On/Off Controller with Debounce and ±15kV ESD Protection
Rev 0; 5/08
logo
Unisonic Technologies
URCZ1284-XX UTC-URCZ1284-XX Datasheet
231Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15KV ESD PROTECTION
logo
NXP Semiconductors
PTN3355 NXP-PTN3355 Datasheet
964Kb / 37P
   Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
4 November 2016
logo
Savitech Corp.
SV73257A SAVITECH-SV73257A Datasheet
267Kb / 8P
   8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
SV73257C SAVITECH-SV73257C Datasheet
267Kb / 8P
   8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
logo
Nexperia B.V. All right...
IP4769CZ14 NEXPERIA-IP4769CZ14 Datasheet
233Kb / 12P
   VGA interface ESD protection with integrated termination resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com