Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3639ETM+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3639ETM+
Description  Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3639ETM+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3639ETM+ Datasheet HTML 2Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 3Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 4Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 9Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Low-Jitter, Wide Frequency Range,
Programmable Clock Generator with 10 Outputs
6
Typical Operating Characteristics
(VCC = 3.3V, TA = +25NC, unless otherwise noted.)
QCC OUTPUT AT 125MHz
(LVCMOS)
MAX3639 toc09
1ns/div
500mV/div
DIFFERENTIAL OUTPUT AT 156.25MHz
(LVDS)
MAX3639 toc08
1ns/div
100mV/div
DIFFERENTIAL OUTPUT AT 156.25MHz
(LVPECL)
MAX3639 toc07
1ns/div
200mV/div
DIFFERENTIAL OUTPUT AT 312.5MHz
(LVPECL)
MAX3639 toc06
500ps/div
200mV/div
DIFFERENTIAL OUTPUT AT 737.28MHz
(LVPECL)
MAX3639 toc05
200ps/div
200mV/div
SUPPLY CURRENT vs. TEMPERATURE
(LVDS OUTPUTS)
TEMPERATURE (°C)
60
35
10
-15
50
100
150
200
250
300
350
0
-40
85
QA[4:3], QA[2:0], QB[2:0],
QC, AND QCC ENABLED
QA[4:3], QA[2:0], AND QB[2:0] ENABLED
QA[4:3] AND QA[2:0] ENABLED
QA[2:0] ENABLED
ALL OUTPUTS DISABLED
SUPPLY CURRENT vs. TEMPERATURE
(LVPECL OUTPUTS, ALL LOADED)
TEMPERATURE (°C)
60
35
10
-15
50
100
150
200
250
300
350
400
450
500
0
-40
85
QA[4:3], QA[2:0], QB[2:0],
QC, AND QCC ENABLED
QA[4:3], QA[2:0], AND QB[2:0] ENABLED
QA[4:3] AND QA[2:0] ENABLED
QA[2:0] ENABLED
ALL OUTPUTS DISABLED
SUPPLY CURRENT vs. TEMPERATURE
(LVDS OUTPUTS, ALL ENABLED)
TEMPERATURE (°C)
60
35
10
-15
50
100
150
200
250
300
350
400
450
500
0
-40
85
PLL NORMAL
PLL BYPASS
SUPPLY CURRENT vs. TEMPERATURE
(LVPECL OUTPUTS, ALL ENABLED)
TEMPERATURE (°C)
60
35
10
-15
50
100
150
200
250
300
350
400
450
500
0
-40
85
PLL NORMAL, ALL OUTPUTS LOADED
PLL NORMAL, ALL OUTPUTS UNLOADED
PLL BYPASS, ALL OUTPUTS UNLOADED
PLL BYPASS, ALL OUTPUTS LOADED


Similar Part No. - MAX3639ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3632 MAXIM-MAX3632 Datasheet
289Kb / 13P
   622Mbps/1244Mbps Burst-Mode Limiting Amplifier for GPON OLT Applications
19-3229; Rev 0; 3/04
MAX3632ETG MAXIM-MAX3632ETG Datasheet
289Kb / 13P
   622Mbps/1244Mbps Burst-Mode Limiting Amplifier for GPON OLT Applications
19-3229; Rev 0; 3/04
MAX3634 MAXIM-MAX3634 Datasheet
317Kb / 8P
   622Mbps/1244Mbps Burst-Mode Clock Phase Aligner for GPON OLT Applications
Rev 0; 9/05
MAX3634ETM MAXIM-MAX3634ETM Datasheet
317Kb / 8P
   622Mbps/1244Mbps Burst-Mode Clock Phase Aligner for GPON OLT Applications
Rev 0; 9/05
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
More results

Similar Description - MAX3639ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Texas Instruments
LMK03806 TI1-LMK03806_15 Datasheet
1Mb / 66P
[Old version datasheet]   Ultra Low Jitter Clock Generator With 14 Programmable Outputs
LMK03806 TI1-LMK03806_12 Datasheet
465Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
LMK03806 TI-LMK03806 Datasheet
489Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
logo
Maxim Integrated Produc...
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
logo
Maxim Integrated Produc...
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
logo
Analog Devices
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com