Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3639ETM+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3639ETM+
Description  Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3639ETM+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3639ETM+ Datasheet HTML 1Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 2Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 3Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 4Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX3639ETM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Low-Jitter, Wide Frequency Range,
Programmable Clock Generator with 10 Outputs
4
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted. Signal applied
to CIN or DIN/DIN only when selected as the reference clock.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PLL SPECIFICATIONS
VCO Frequency Range
fVCO
Low VCO (DP1 = 0 or NC)
3600
3750
3830
MHz
High VCO (DP1 = 1)
3830
3932
4025
Phase-Frequency Detector
Compare Frequency
fPFD
15
42
MHz
PLL Jitter Transfer Bandwidth
130
kHz
Integrated Phase Jitter
RJ
25MHz crystal
input (Note 9)
12kHz to 20MHz
0.34
1.0
psRMS
1.875MHz to 20MHz
0.14
25MHz LVCMOS or differential input
(Notes 9, 10)
0.34
Supply-Noise Induced Phase
Spur at LVPECL/LVDS Output
(Note 11)
-56
dBc
Supply-Noise Induced Phase
Spur at LVCMOS Output
(Note 11)
-45
dBc
Determinisitic Jitter Induced by
Power-Supply Noise
LVPECL or LVDS (Note 11)
6
psP-P
Nonharmonic and Subharmonic
Spurs
(Note 12)
-70
dBc
SSB Phase Noise at 491.52MHz
fOFFSET = 1kHz
-111
dBc/
Hz
fOFFSET = 10kHz
-113
fOFFSET = 100kHz
-119
fOFFSET = 1MHz
-136
fOFFSET R 10MHz
-147
SSB Phase Noise at 312.5MHz
fOFFSET = 1kHz
-115
dBc/
Hz
fOFFSET = 10kHz
-116
fOFFSET = 100kHz
-122
fOFFSET = 1MHz
-139
fOFFSET R 10MHz
-149
SSB Phase Noise at 245.76MHz
fOFFSET = 1kHz
-117
dBc/
Hz
fOFFSET = 10kHz
-119
fOFFSET = 100kHz
-125
fOFFSET = 1MHz
-142
fOFFSET R 10MHz
-151
SSB Phase Noise at 156.25MHz
fOFFSET = 1kHz
-122
dBc/
Hz
fOFFSET = 10kHz
-123
fOFFSET = 100kHz
-129
fOFFSET = 1MHz
-145
fOFFSET R 10MHz
-152


Similar Part No. - MAX3639ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3632 MAXIM-MAX3632 Datasheet
289Kb / 13P
   622Mbps/1244Mbps Burst-Mode Limiting Amplifier for GPON OLT Applications
19-3229; Rev 0; 3/04
MAX3632ETG MAXIM-MAX3632ETG Datasheet
289Kb / 13P
   622Mbps/1244Mbps Burst-Mode Limiting Amplifier for GPON OLT Applications
19-3229; Rev 0; 3/04
MAX3634 MAXIM-MAX3634 Datasheet
317Kb / 8P
   622Mbps/1244Mbps Burst-Mode Clock Phase Aligner for GPON OLT Applications
Rev 0; 9/05
MAX3634ETM MAXIM-MAX3634ETM Datasheet
317Kb / 8P
   622Mbps/1244Mbps Burst-Mode Clock Phase Aligner for GPON OLT Applications
Rev 0; 9/05
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
More results

Similar Description - MAX3639ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Texas Instruments
LMK03806 TI1-LMK03806_15 Datasheet
1Mb / 66P
[Old version datasheet]   Ultra Low Jitter Clock Generator With 14 Programmable Outputs
LMK03806 TI1-LMK03806_12 Datasheet
465Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
LMK03806 TI-LMK03806 Datasheet
489Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
logo
Maxim Integrated Produc...
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
logo
Maxim Integrated Produc...
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
logo
Analog Devices
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com