Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3625BEUG+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3625BEUG+
Description  Low-Jitter, Precision Clock Generator with Three Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3625BEUG+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3625BEUG+ Datasheet HTML 2Page - Maxim Integrated Products MAX3625BEUG+ Datasheet HTML 3Page - Maxim Integrated Products MAX3625BEUG+ Datasheet HTML 4Page - Maxim Integrated Products MAX3625BEUG+ Datasheet HTML 5Page - Maxim Integrated Products MAX3625BEUG+ Datasheet HTML 6Page - Maxim Integrated Products MAX3625BEUG+ Datasheet HTML 7Page - Maxim Integrated Products MAX3625BEUG+ Datasheet HTML 8Page - Maxim Integrated Products MAX3625BEUG+ Datasheet HTML 9Page - Maxim Integrated Products MAX3625BEUG+ Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Detailed Description
The MAX3625B is a low-jitter clock generator designed
to operate at Ethernet and Fibre Channel frequencies. It
consists of an on-chip crystal oscillator, PLL, program-
mable dividers, and LVPECL output buffers. Using a
low-frequency clock (crystal or CMOS input) as a refer-
ence, the internal PLL generates a high-frequency out-
put clock with excellent jitter performance.
Crystal Oscillator
An integrated oscillator provides the low-frequency ref-
erence clock for the PLL. This oscillator requires an
external crystal connected between X_IN and X_OUT.
The crystal frequency is 24.8MHz to 27MHz.
REF_IN Buffer
An LVCMOS-compatible clock source can be connect-
ed to REF_IN to serve as the reference clock.
The LVCMOS REF_IN buffer is internally biased to the
threshold voltage (1.4V typ) to allow AC- or DC-cou-
pling, and is designed to operate up to 320MHz.
PLL
The PLL takes the signal from the crystal oscillator or
reference clock input and synthesizes a low-jitter, high-
frequency clock. The PLL contains a phase-frequency
detector (PFD), a lowpass filter, and a voltage-
controlled oscillator (VCO) with a 620MHz to 648MHz
operating range. The VCO is connected to the PFD
input through a feedback divider. See Table 3 for
divider values. The PFD compares the reference fre-
quency to the divided-down VCO output (fVCO/M) and
generates a control signal that keeps the VCO locked
to the reference clock. The high-frequency VCO output
clock is sent to the output dividers. To minimize noise-
induced jitter, the VCO supply (VCCA) is isolated from
the core logic and output buffer supplies.
Output Dividers
The output dividers are programmable to allow a range of
output frequencies. See Table 2 for the divider input set-
tings. The output dividers are automatically set to divide by
1 when the MAX3625B is in bypass mode (BYPASS = 0).
VCC
VCCA
10.5
Ω
+3.3V
±5%
0.01
μF
10
μF
0.01
μF
Figure 1. Analog Supply Filtering
Low-Jitter, Precision Clock
Generator with Three Outputs
6
_______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
10
VCCA
Analog Power Supply for the VCO. Connect to +3.3V. For additional power-supply noise filtering, this
pin can connect to VCC through 10.5
as shown in Figure 1 (requires VCC = 3.3V ±5%).
11
VCC
Core Power Supply. Connect to +3.3V.
12, 13
SELA0,
SELA1
LVCMOS/LVTTL Inputs. Control NA divider setting. See Table 2 for more information. 50k
input
impedance.
14
GND
Supply Ground
15
X_OUT
Crystal Oscillator Output
16
X_IN
Crystal Oscillator Input
17
REF_IN
LVCMOS Reference Clock Input. Self-biased to allow AC- or DC-coupling.
18
IN_SEL
LVCMOS/LVTTL Input. Connect high or leave open to use a crystal. Connect low to use REF_IN. Has
internal 75k
pullup to VCC.
19
QB1
LVPECL, Inverting Clock Output
20
QB1
LVPECL, Noninverting Clock Output
21
QB0
LVPECL, Inverting Clock Output
22
QB0
LVPECL, Noninverting Clock Output
23
VCCO_B
Power Supply for QB0 and QB1 Clock Output. Connect to +3.3V.
EP
Exposed Pad. Supply ground; connect to PCB ground for proper electrical and thermal performance.


Similar Part No. - MAX3625BEUG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625ACUG++ MAXIM-MAX3625ACUG+ Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625CUG++ MAXIM-MAX3625CUG+ Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
More results

Similar Description - MAX3625BEUG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com