Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2044ETP+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2044ETP+T
Description  SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2044ETP+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2044ETP+T Datasheet HTML 1Page - Maxim Integrated Products MAX2044ETP+T Datasheet HTML 2Page - Maxim Integrated Products MAX2044ETP+T Datasheet HTML 3Page - Maxim Integrated Products MAX2044ETP+T Datasheet HTML 4Page - Maxim Integrated Products MAX2044ETP+T Datasheet HTML 5Page - Maxim Integrated Products MAX2044ETP+T Datasheet HTML 6Page - Maxim Integrated Products MAX2044ETP+T Datasheet HTML 7Page - Maxim Integrated Products MAX2044ETP+T Datasheet HTML 8Page - Maxim Integrated Products MAX2044ETP+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
SiGe, High-Linearity, 2300MHz to 4000MHz
Upconversion/Downconversion Mixer with LO Buffer
4 ______________________________________________________________________________________
5.0V SUPPLY AC ELECTRICAL CHARACTERISTICS (DOWNCONVERTER MODE,
fRF = 3100MHz to 3900MHz, LOW-SIDE LO INJECTION) (continued)
(Typical Application Circuit with tuning elements outlined in Table 1, VCC = 4.75V to 5.25V, RF and LO ports are driven from 50I
sources, PLO = -3dBm to +3dBm, PRF = 0dBm, fRF = 3100MHz to 3900MHz, fLO = 2800MHz to 3600MHz, fIF = 300MHz, fRF > fLO,
TC = -40NC to +85NC. Typical values are at VCC = 5.0V, PRF = 0dBm, PLO = 0dBm, fRF = 3500MHz, fLO = 3200MHz, fIF = 300MHz,
TC = +25NC. All parameters are guaranteed by design, unless otherwise noted.) (Note 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
3RF - 3LO Spurious Rejection
3 x 3
fSPUR = fLO +
100MHz,
TC = +25NC
PRF = -10dBm
(Notes 7, 10)
82
89
dBc
PRF = 0dBm (Notes 7, 8)
62
69
fSPUR = fLO +
100MHz
PRF = -10dBm
(Notes 7, 10)
81
89
PRF = 0dBm (Notes 7, 8)
61
69
RF Input Return Loss
RLRF
LO on and IF terminated into a matched
impedance
16
dB
LO Input Return Loss
RLLO
RF and IF terminated into a matched
impedance
14
dB
IF Output Impedance
ZIF
Nominal differential impedance at the IC’s
IF outputs
50
I
IF Output Return Loss
RLIF
RF terminated into 50I, LO driven by a
50I source, IF transformed to 50I using
external components shown in the Typical
Application Circuit
16
dB
RF-to-IF Isolation
fRF = 3500MHz, PLO = +3dBm (Note 8)
33
42
dB
LO Leakage at RF Port
fLO = 2500MHz to 4000MHz, PLO = +3dBm
(Notes 7, 8)
-31
dBm
2LO Leakage at RF Port
PLO = +3dBm
-35
dBm
LO Leakage at IF Port
PLO = +3dBm (Note 8)
-28
dBm


Similar Part No. - MAX2044ETP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20444B MAXIM-MAX20444B Datasheet
1Mb / 41P
   Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
MAX20444BATG/V++ MAXIM-MAX20444BATG/V+ Datasheet
1Mb / 41P
   Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
MAX20444BATG/V+T MAXIM-MAX20444BATG/V+T Datasheet
1Mb / 41P
   Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
MAX20444BATG/VY++ MAXIM-MAX20444BATG/VY+ Datasheet
1Mb / 41P
   Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
MAX20444BATG/VY+T MAXIM-MAX20444BATG/VY+T Datasheet
1Mb / 41P
   Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
More results

Similar Description - MAX2044ETP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
   SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
MAX2032 MAXIM-MAX2032 Datasheet
1Mb / 19P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com