Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1342 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1342
Description  Low-Current I2C RTCs for High-ESR Crystals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1342 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1342 Datasheet HTML 1Page - Maxim Integrated Products DS1342 Datasheet HTML 2Page - Maxim Integrated Products DS1342 Datasheet HTML 3Page - Maxim Integrated Products DS1342 Datasheet HTML 4Page - Maxim Integrated Products DS1342 Datasheet HTML 5Page - Maxim Integrated Products DS1342 Datasheet HTML 6Page - Maxim Integrated Products DS1342 Datasheet HTML 7Page - Maxim Integrated Products DS1342 Datasheet HTML 8Page - Maxim Integrated Products DS1342 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Low-Current I2C RTCs for High-ESR Crystals
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +1.8V to +5.5V, TA = -40NC to +85NC, unless otherwise noted.) (Note 2, Figure 1)
CRYSTAL PARAMETERS
Note 2:
Limits at -40NC are guaranteed by design and not production tested.
Note 3:
Voltage referenced to ground.
Note 4:
Specified with I2C bus inactive. Oscillator operational, INTCN = 1, ECLK = 0.
Note 5:
Applies to CLKIN/INTA and SQW/INTB only.
Note 6:
The minimum SCL clock frequency is limited by the bus timeout feature, which resets the serial bus interface if SCL is
held low for tTIMEOUT.
Note 7:
After this period, the first clock pulse is generated.
Note 8:
A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIHMIN of the SCL sig-
nal) to bridge the undefined region of the falling edge of SCL.
Note 9:
The maximum tHD:DAT need only be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 10: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT R to 250ns must then be
met. This is automatically the case if the device does not stretch the low period of the SCL signal. If such a device does
stretch the low period of the SCL signal, it must output the next data bit to the SDA line tRMAX + tSU:DAT = 1000 + 250 =
1250ns before the SCL line is released.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 6)
400
kHz
Bus Free Time Between a STOP
and START Condition
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD:STA
(Note 7)
0.6
F
s
Low Period of SCL Clock
tLOW
1.3
F
s
High Period of SCL Clock
tHIGH
0.6
F
s
Data Hold Time
tHD:DAT
(Notes 8, 9)
0
0.9
F
s
Data Setup Time
tSU:DAT
(Note 10)
100
ns
Setup Time for a Repeated
START Condition
tSU:STA
0.6
F
s
Rise Time of Both SDA and SCL
Signals
tR
(Note 11)
20 +
0.1CB
300
ns
Fall Time for Both SDA and SCL
Signals
tF
(Note 11)
20 +
0.1CB
300
ns
Setup Time for STOP Condition
tSU:STO
0.6
F
s
Capacitive Load for Each Bus
Line
CB
(Note 11)
400
pF
I/O Capacitance
CI/O
10
pF
SCL Spike Suppression
tSP
30
ns
Oscillator Stop Flag (OSF) Delay
tOSF
(Note 12)
25
100
ms
Timeout Interval
tTIMEOUT (Note 13)
25
35
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
35
80
kI
Load Capacitance
CL
DS1341
6
pF
DS1342
12.5


Similar Part No. - DS1342

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1342 MAXIM-DS1342 Datasheet
1Mb / 16P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 1; 12/10
DS1342 MAXIM-DS1342 Datasheet
1Mb / 16P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 2; 1/12
More results

Similar Description - DS1342

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1341 MAXIM-DS1341_10 Datasheet
1Mb / 16P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 1; 12/10
DS1341 MAXIM-DS1341_12 Datasheet
1Mb / 16P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 2; 1/12
DS1339B MAXIM-DS1339B Datasheet
657Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock for High-ESR Crystals
Rev 1 4/15
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
   Low ESR, High Ripple Current
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
   Low ESR - High Current ??High pulse current ratings
logo
Surge Components
HBW SURGE-HBW Datasheet
486Kb / 3P
   low esr and high ripple current
HBV SURGE-HBV Datasheet
501Kb / 3P
   low esr and high ripple current
logo
Maxim Integrated Produc...
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Rev 0; 3/11
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
   High Ripple Current ??Low ESR ??High Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com