Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAHF201027BH Datasheet(PDF) 1 Page - MMD Components

Part # MAHF201027BH
Description  Industry Standard Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MAHF201027BH Datasheet(HTML) 1 Page - MMD Components

  MAHF201027BH Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision 11/14/06 E
MAH Series
Industry Standard
Package
RoHS Compliant Available
HCMOS Output
Wide Frequency Range
ELECTRICAL SPECIFICATIONS:
MECHANICAL DETAILS:
1
14
8
7
5.08 [.200]
15.24 [.600]
7.62 [.300]
PIN 1
PIN 7
PIN 8
PIN 14
N/C OR TRI-STATE
CASE GROUND
OUTPUT
SUPPLY VOLTAGE
PIN CONNECTIONS
DIMENSIONS IN BRACKET ARE IN INCHES
EXTERNAL BYPASS CAPACITOR RECOMMENDED
20.70 [.815]
MAX
5.08 [.200]
MIN
.50 [.020]
13.10 [.516]
MAX
HIGH IMPEDANCE
OSCILLATION
TRI-STATE OPERATION
LOGIC "0" OR GRD
LOGIC "1" OR N/C
PIN 1
PIN 8
MARKING:
Frequency Range
5.000kHZ to 200.000MHz
Frequency Stability (Inclusive
of Temperature, Load, Voltage
and Aging)
See Part Number Guide
Operating Temperature
See Part Number Guide
Storage Temperature
-55°C to +125°C
Waveform
HCMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Duty Cycle 50% OF Waveform
See Part Number Guide
Load
10 TTL Gates or 50pF max
Start Up Time
10mSec max
Rise/Fall Time
Up to 70.000MHZ
6 nSec max
Above 70.000MHZ
4 nSec max
Supply Voltage (VDC ±10%) – Supply Current (in mA max)
+5.0
+3.3
+2.5/+1.8
5.000kHz to 1.000MHz
35
10
NA
1.001MHz to 24.000MHz
45
25
NA
24.001MHz to 50.000MHz
55
35
NA
50.001MHz to 70.000MHz
60
35
NA
70.001MHZ to 200.000MHZ
85
40
NA
24.000MHz to 30.000MHz
NA
NA
20
30.001MHz to 80.000MHz
NA
NA
40
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYYMML
S = Internal Code
YYMM = Date Code (Year/Month)
L = Denotes RoHS Compliant
Line 3: XXXXX
Internal Manufacture Code
PART NUMBER GUIDE:
010 = ±10 ppm
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
110 = ±10/10 ppm
Frequency
Stability
Supply Voltage
5 = +5.0 VDC
3 = +3.3 VDC
2 = +2.5 VDC
1 = +1.8 VDC
RoHS Compliant
Blank = Not Compliant
F = Is RoHS Compliant
Value Added Options
Pin 1 Connection
Blank = No Connect
H = Tri-state
Blank = 40/60%
A = 45/55%
B = 47.5/52.5%
Symmetry
FREQUENCY
PLEASE CONSULT WITH MMD SALES DEPARTMENT FOR ANY OTHER PARAMETERS OR OPTIONS
MAH
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Operating Temperature
Blank = No Added Options
G = Gull-Wing (option 2)
CLXXX = Cut Leads
XXX = Lead Length Code
14 pin DIP
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MAHF201027BH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAHF201027BH MMD-MAHF201027BH Datasheet
91Kb / 1P
   Industry Standard Package
More results

Similar Description - MAHF201027BH

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
   Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
   Industry Standard Package
MTEH MMD-MTEH Datasheet
145Kb / 2P
   Industry Standard Package
MAC MMD-MAC Datasheet
81Kb / 1P
   Industry Standard Package
logo
Power-One
QES050YE POWER-ONE-QES050YE Datasheet
151Kb / 3P
   Industry Standard Package
logo
MMD Components
MVAP5 MMD-MVAP5 Datasheet
136Kb / 2P
   Industry Standard Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com